Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002 Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA7002
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002 Datasheet(HTML) 2 Page - Analog Devices

  ADPA7002 Datasheet HTML 1Page - Analog Devices ADPA7002 Datasheet HTML 2Page - Analog Devices ADPA7002 Datasheet HTML 3Page - Analog Devices ADPA7002 Datasheet HTML 4Page - Analog Devices ADPA7002 Datasheet HTML 5Page - Analog Devices ADPA7002 Datasheet HTML 6Page - Analog Devices ADPA7002 Datasheet HTML 7Page - Analog Devices ADPA7002 Datasheet HTML 8Page - Analog Devices ADPA7002 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Data Sheet
ADPA7002
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 20
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications........................................................ 3
18 GHz to 20 GHz Frequency Range................ 3
20 GHz to 24 GHz Frequency Range................ 3
24 GHz to 34 GHz Frequency Range................ 4
34 GHz to 44 GHz Frequency Range................ 4
Absolute Maximum Ratings...................................5
Thermal Resistance........................................... 5
ESD Caution.......................................................5
Pin Configuration and Function Descriptions........ 6
Interface Schematics..........................................6
Typical Performance Characteristics..................... 7
Constant IDD Operation.................................... 13
Theory of Operation.............................................14
Applications Information...................................... 15
Biasing Procedures.......................................... 16
Biasing the ADPA7002 with the
HMC980LP4E................................................ 16
Outline Dimensions............................................. 20
Ordering Guide.................................................20
Evaluation Boards............................................ 20
REVISION HISTORY
7/2023—Rev. 0 to Rev. A
Changes to Table 5..........................................................................................................................................5
Changes to Note 1, Table 6............................................................................................................................. 5
Changes to Figure 32.................................................................................................................................... 10
Changes to Figure 45.................................................................................................................................... 12
12/2019—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com