Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002 Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7002
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7002 Datasheet HTML 12Page - Analog Devices ADPA7002 Datasheet HTML 13Page - Analog Devices ADPA7002 Datasheet HTML 14Page - Analog Devices ADPA7002 Datasheet HTML 15Page - Analog Devices ADPA7002 Datasheet HTML 16Page - Analog Devices ADPA7002 Datasheet HTML 17Page - Analog Devices ADPA7002 Datasheet HTML 18Page - Analog Devices ADPA7002 Datasheet HTML 19Page - Analog Devices ADPA7002 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADPA7002
APPLICATIONS INFORMATION
analog.com
Rev. A | 17 of 20
Figure 54. Application Circuit using the HMC980LP4E to Control the Drain Current of the ADPA7002
Figure 55. Application Circuit using the HMC980LP4E to Control the Drain Current of the ADPA7002 with an External Negative Voltage Source
HMC980LP4E Bias Sequence
To prevent damage to HMC980LP4E, properly sequence the dc
supply. Adhere to the following power-up sequence steps:
1. Set the VDIG pin (Pin 9) to 3.3 V.
2. Set the S1 pin (Pin 4) to 3.3 V.
3. Set the VDD pin (Pin 1) to 5.68 V.
4. Set the VNEG pin (Pin 15) to −1.5 V. This step is not needed if
using internally generated voltage.
5. Set the EN pin (Pin 5) to 3.3 V. Transitioning from 0 V to 3.3 V
turns on the VGATE pin (Pin 16) and the VDRAIN pin (Pin 17).
Adhere to the following power-down sequence steps:
1. Set EN to 0 V. Transitioning from 3.3 V to 0 V turns off VDRAIN
and VGATE.
2. Set VNEG to 0 V. This step is not required if using internally
generated voltage.
3. Set VDD to 0 V.
4. Set S1 to 0 V.
5. Set VDIG to 0 V.
When the HMC980LP4E bias control circuit is set up, the AD-
PA7002 bias can be toggled on and off by applying the VDIG pin
voltage (3.3 V) or by applying 0 V to the EN pin. When the EN
pin is set to the VDIG voltage, the VGATE pin drops to −1.5 V,
and the VDRAIN pin is turned on at +5 V. VGATE rises in voltage
until IDRAIN equals 800 mA. The closed control loop then regulates
IDRAIN at 800 mA. When EN is set to 0 V, VGATE is automatically
set to −1.5 V and VDRAIN is set to 0 V (see Figure 56 and Figure
57).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com