Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002 Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7002
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7002 Datasheet HTML 7Page - Analog Devices ADPA7002 Datasheet HTML 8Page - Analog Devices ADPA7002 Datasheet HTML 9Page - Analog Devices ADPA7002 Datasheet HTML 10Page - Analog Devices ADPA7002 Datasheet HTML 11Page - Analog Devices ADPA7002 Datasheet HTML 12Page - Analog Devices ADPA7002 Datasheet HTML 13Page - Analog Devices ADPA7002 Datasheet HTML 14Page - Analog Devices ADPA7002 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADPA7002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 11 of 20
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power, Frequency = 34 GHz
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power, Frequency = 42 GHz
Figure 36. Output IP3 vs. Frequency for Various Drain Currents, POUT per
Tone = 12 dBm
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power, Frequency = 38 GHz
Figure 38. PDISS vs. Input Power, TA = 85°C
Figure 39. Output IP3 vs. Frequency for Various Temperatures, POUT per Tone
= 12 dBm, IDD = 700 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com