Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7002 Datasheet(PDF) 10 Page - Analog Devices

Part # ADPA7002
Description  GaAs, pHEMT, MMIC,1/2 W, 18 GHz to 44 GHz, Power Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7002 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPA7002 Datasheet HTML 6Page - Analog Devices ADPA7002 Datasheet HTML 7Page - Analog Devices ADPA7002 Datasheet HTML 8Page - Analog Devices ADPA7002 Datasheet HTML 9Page - Analog Devices ADPA7002 Datasheet HTML 10Page - Analog Devices ADPA7002 Datasheet HTML 11Page - Analog Devices ADPA7002 Datasheet HTML 12Page - Analog Devices ADPA7002 Datasheet HTML 13Page - Analog Devices ADPA7002 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Data Sheet
ADPA7002
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 10 of 20
Figure 28. PAE vs. Frequency over Temperature, PAE Measured at PSAT
Figure 29. PAE vs. Frequency for Various Quiescent Drain Currents, PAE
Measured at PSAT
Figure 30. POUT, Gain, PAE, and Drain Currents (IDD) vs. Input Power,
Frequency = 26 GHz
Figure 31. PAE vs. Frequency for Various Drain Voltages, PAE Measured at
PSAT
Figure 32. POUT, Gain, PAE, and IDD vs. Input Power, Frequency = 22 GHz
Figure 33. POUT, Gain, PAE, and IDD vs. Input Power, Frequency = 30 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com