Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX26239 Datasheet (PDF) - Analog Devices

MAX26239 Datasheet PDF - Analog Devices
Part # MAX26239
Download  MAX26239 Download
File Size   1246.56 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5V to 36V, 6A Buck-Boost Converters

MAX26239 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX26239 Datasheet PDF - Analog Devices

Part # MAX26239
Download  MAX26239 Click to download

File Size   1246.56 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 4.5V to 36V, 6A Buck-Boost Converters

MAX26239 Datasheet (HTML) - Analog Devices


MAX26239 Product details

Benefits and Features
• Meets Stringent Quality and Reliability Requirements
• 4.5V to 36V Operating Input Voltage Range Allows Operation in Wide Input Conditions
• Tolerates Input Transients up to 42V
• EN Pin Compatible up to 42V
• 8.2A/10A Typical Input Current Limit
• Fixed and Adjustable Output Voltage Options
• -40°C to +125°C Temperature Range
• High Integration and Thermally Enhanced Package Reduces BOM Cost and Board Space
• Integrated FETs H-Bridge Architecture
• 2.1MHz/400kHz Switching Frequency Options
• Phase-Locked Loop (PLL) Frequency Synchronization
• Thermally Enhanced, 22-Pin FC2QFN Package
• Low Quiescent Current Meets Stringent Current Requirements
• 95μA Quiescent Current in Standby Mode
• 10μA Maximum Shutdown Current
• Reduced EMI Emissions at Switching Frequency
• Spread-Spectrum Function Enabled/Disabled by SPS Pin
• Protection Features Improve System Reliability
• Supply Undervoltage Lockout and Thermal Protection
• Output PGOOD Indicator, Overvoltage, and Short-Circuit Protection
Applications
• Point-of-Load Power Supplies
• 12V/24V Industrial Applications
• Telecom, Servers, and Networking Equipment




Similar Part No. - MAX26239

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2623 MAXIM-MAX2623 Datasheet
156Kb / 6P
Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2623 MAXIM-MAX2623 Datasheet
178Kb / 2P
2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
MAX2623EUA MAXIM-MAX2623EUA Datasheet
156Kb / 6P
Monolithic Voltage-Controlled Oscillators
Rev 1; 5/00
MAX2623EUA MAXIM-MAX2623EUA Datasheet
150Kb / 6P
Monolithic Voltage-Controlled Oscillators
2018
MAX2623EVKIT MAXIM-MAX2623EVKIT Datasheet
178Kb / 2P
2.7V to 5.5V Single-Supply Operation
Rev 1; 5/00
More results


Similar Description - MAX26239

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3520 LINER-LTC3520 Datasheet
371Kb / 24P
Synchronous 1A Buck-Boost and 600mA Buck Converters
logo
Maxim Integrated Produc...
MAX14588EVKIT MAXIM-MAX14588EVKIT Datasheet
466Kb / 8P
4.5V to 36V Operating Voltage Range
Rev 0; 5/13
MAX17523EVKIT MAXIM-MAX17523EVKIT Datasheet
1Mb / 10P
4.5V to 36V Operating Voltage Range
Rev 0; 12/16
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
Wide 4.5V to 36V Input Range
Rev 0; 3/19
logo
Analog Devices
LTM8083 AD-LTM8083 Datasheet
2Mb / 24P
36V, 1.5A Buck-Boost 關Module Regulator
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Analog Devices
MAX25239 AD-MAX25239 Datasheet
1Mb / 24P
Automotive 2V to 36V, 6A Buck-Boost Converters
Rev 6; 7/22
logo
Microchip Technology
MIC24066 MICROCHIP-MIC24066 Datasheet
2Mb / 38P
36V, 6A High Performance Switching Buck Regulators
Revision A September 2022
logo
Analog Devices
MAX42405 AD-MAX42405 Datasheet
1Mb / 18P
36V, 5A/6A Fully Integrated Synchronous Buck Converters
19-101745; Rev 0; 11/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com