Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

92HD71B5 Datasheet (PDF) - Integrated Device Technology

92HD71B5 Datasheet PDF - Integrated Device Technology
Part # 92HD71B5
Download  92HD71B5 Download
File Size   2854.91 Kbytes
Page   216 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER

92HD71B5 Datasheet (PDF)

Go To PDF Page Download Datasheet
92HD71B5 Datasheet PDF - Integrated Device Technology

Part # 92HD71B5
Download  92HD71B5 Click to download

File Size   2854.91 Kbytes
Page   216 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 4-CHANNEL HD AUDIO CODEC OPTIMIZED FOR LOW POWER

92HD71B5 Datasheet (HTML) - Integrated Device Technology


92HD71B5 Product details

Description

The 92HD71B7 codec is a low power optimized, high fidelity, 4-channel audio codec compatible with Intel’s High Definition (HD) Audio Interface. The 92HD71B7 codec provides stereo 24-bit resolution with sample rates up to 192kHz. Dual SPDIF provides connectivity to consumer electronic equipment that is WLP complaint. The 92HD71B7 provides high quality, HD Audio capability to notebook and business desktop PC applications.



Features

• 4 Channels (2 stereo DACs and 2 stereo ADCs) with 24-bit resolution

    • Supports full-duplex stereo audio and simultaneous VoIP

    • Provides a mono output for laptop sub-woofer

• Microsoft WLP 3/4 premium logo compliant, as defined in WLP 3.09

• Optimized and flexible power management with pop/click mitigation

• 2 independent S/PDIF Output converters for WLP compliant HDMI/SPDIF support.

• Support for 1.5V and 3.3V HDA signaling with runtime selection

• Digital microphone input (mono, stereo, or quad array)

• 3 Adjustable VREF Out pins for microphone bias

• High performance analog mixer option

• 6 analogports

• Supports to 3 stereo microphone inputs

• Two-pin volume up/down control

• Digital PC Beep to all outputs

• Integrated headphone amp

• Jack insertion detection

• Sample rates up to 192kHz

• +3.3 V, +4 V, +4.75 V and +5 V analog power supply options

• 48-pin QFP and 48-pad QFN RoHS packages



 




Similar Part No. - 92HD71B5

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
92HD700 IDT-92HD700 Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700DX5PRGXYYX IDT-92HD700DX5PRGXYYX Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD700XX5PRGXYYX IDT-92HD700XX5PRGXYYX Datasheet
1Mb / 181P
10-CHANNEL HIGH DEFINITION AUDIO CODEC
More results


Similar Description - 92HD71B5

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1503 GENNUM-GS1503 Datasheet
1Mb / 83P
HD EMBEDDED AUDIO CODEC
logo
Analog Devices
AD1983 AD-AD1983 Datasheet
427Kb / 16P
HD Audio SoundMAX Codec
4/06-Revision 0
AD1981HD AD-AD1981HD Datasheet
385Kb / 16P
HD Audio SoundMAX Codec
6/05-Revision 0
logo
Texas Instruments
TLV320AIC34 TI-TLV320AIC34 Datasheet
1Mb / 91P
FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC34 TI-TLV320AIC34_1 Datasheet
1Mb / 94P
FOUR-CHANNEL, LOW-POWER AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
logo
Analog Devices
AD1981HD AD-AD1981HD_15 Datasheet
386Kb / 16P
HD Audio SoundMAX Codec
REV. 0
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
7.12 CHANNEL HD AUDIO CODEC
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com