Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2128 Datasheet (PDF) - NXP Semiconductors

PCF2128 Datasheet PDF - NXP Semiconductors
Part # PCF2128
Download  PCF2128 Download
File Size   322.32 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Integrated RTC / TCXO / Crystal

PCF2128 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2128 Datasheet PDF - NXP Semiconductors

Part # PCF2128
Download  PCF2128 Click to download

File Size   322.32 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Integrated RTC / TCXO / Crystal

PCF2128 Datasheet (HTML) - NXP Semiconductors


PCF2128 Product details

General description
The PCF2128 is a ready to run CMOS real time clock/calendar with an integrated temperature compensated crystal oscillator (TCXO). In timekeeping applications the high accuracy of the PCF2128 allows it to be used as a replacement for costly and higher powered long wave receivers or GPS receivers. A programmable battery switch-over circuit enables an uninterruptible power supply and consequently continuous timekeeping. The PCF2128 additionally features 512 bytes of general purpose RAM, a programmable watchdog, a time stamp facility and a voltage monitoring facility. Programming is possible using either an SPI or an I2C-bus interface.

■ Integration of a 32.768 kHz quartz crystal in the same package as the RTC
■ temperature compensated crystal oscillator (TCXO) with integrated capacitors.
■ accuracy:
   typically 3 ppm from−20 °C to +70 °C,
   typically 5 ppm from −40 °C to +85 °C
■ provides year, month, day, weekday, hours, minutes and seconds
■ programmable alarm function with interrupt capability
■ programmable countdown timer with interrupt capability
■ programmable watchdog timer with interrupt and reset capability
■ timestamp function with interrupt capability
■ battery backup input pin and switch-over circuitry
■ extra power fail detection with input and output pins
■ battery low detection
■ battery backed output voltage pin
■ 512 bytes of general purpose static RAM
■ 1 second or 1 minute interrupt output
■ oscillator stop detection
■ two line bi-directional 1 MHz fast mode plus I2C interface
■ timestamp input
■ power-on reset
■ 3 line SPI interface with separate data input and output (maximum speed 6.5 Mbits/s)
■ programmable square wave output pin
■ I2C-bus slave address: read A3H and write A2H
■ clock operating voltage: <tbd> to 5.5 V
■ low backup current; typical 0.95 μA at VDD = 3.0 V and Tamb = 25 °C
■ selectable I2C and SPI interface




Similar Part No. - PCF2128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2120 NXP-PCF2120 Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
PCF2120TK NXP-PCF2120TK Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
PCF2120U NXP-PCF2120U Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
PCF21219DUGR NXP-PCF21219DUGR Datasheet
862Kb / 107P
Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
More results


Similar Description - PCF2128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
logo
NXP Semiconductors
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
logo
Ramtron International C...
FM31T372 RAMTRON-FM31T372 Datasheet
796Kb / 26P
System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com