Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2128 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCF2128
Description  Integrated RTC / TCXO / Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2128 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCF2128 Datasheet HTML 1Page - NXP Semiconductors PCF2128 Datasheet HTML 2Page - NXP Semiconductors PCF2128 Datasheet HTML 3Page - NXP Semiconductors PCF2128 Datasheet HTML 4Page - NXP Semiconductors PCF2128 Datasheet HTML 5Page - NXP Semiconductors PCF2128 Datasheet HTML 6Page - NXP Semiconductors PCF2128 Datasheet HTML 7Page - NXP Semiconductors PCF2128 Datasheet HTML 8Page - NXP Semiconductors PCF2128 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PCF2128_SDS_0
© NXP B.V. 2007. All rights reserved.
Preliminary [short] data sheet
Rev. 00.03 — 4 June 2007
5 of 10
NXP Semiconductors
PCF2128
Real time clock / calendar
7.
Limiting values
7.1 ESD values
• ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 2000 V CDM per JESD22-C101.
• Latch-up testing is done to JEDEC standard JESD78 which exceeds 100 mA.
8.
Application information
• The PCF2128 is a ready to run real time clock; no external quartz is required.
• You can set different configurations in your application depending on the PCF2128
functions you want to use.
• The integration of the quartz crystal in the same package as the RTC has the
following advantages:
– elimination of crystal procurement issues
– elimination of RTC frequency tuning
– no more crystal PCB layout issues.
• You can select the SPI or I2C-bus interface using the IFS pin.
• By connecting a battery to VBAT an uninterruptible power supply is guaranteed.
• You can use the battery backed voltage VOUT to supply an external RAM to retain
RAM data in battery backup mode.
• You can connect PFI through an external voltage divider to VDD to allow extra power
fail detection. If not used, connect PFI to VSS.
• You can connect the timestamp input pin TS to a push button for tamper detection.
Table 4:
Limiting valuesIn accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.5
+6.5
V
VBAT
backup battery supply
voltage
−0.5
+6.5
V
IDD
supply current
−50
+50
mA
VI
input voltage
−0.5
+6.5
V
VO
output voltage
−0.5
+6.5
V
II
input current
−10
+10
mA
IO
output current
−10
+10
mA
Ptot
total power dissipation
-
300
mW
Tamb
ambient temperature
−40
+85
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com