Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2128 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2128
Description  Integrated RTC / TCXO / Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2128 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2128 Datasheet HTML 1Page - NXP Semiconductors PCF2128 Datasheet HTML 2Page - NXP Semiconductors PCF2128 Datasheet HTML 3Page - NXP Semiconductors PCF2128 Datasheet HTML 4Page - NXP Semiconductors PCF2128 Datasheet HTML 5Page - NXP Semiconductors PCF2128 Datasheet HTML 6Page - NXP Semiconductors PCF2128 Datasheet HTML 7Page - NXP Semiconductors PCF2128 Datasheet HTML 8Page - NXP Semiconductors PCF2128 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
General description
The PCF2128 is a ready to run CMOS real time clock/calendar with an integrated
temperature compensated crystal oscillator (TCXO). In timekeeping applications the high
accuracy of the PCF2128 allows it to be used as a replacement for costly and higher
powered long wave receivers or GPS receivers. A programmable battery switch-over
circuit enables an uninterruptible power supply and consequently continuous timekeeping.
The PCF2128 additionally features 512 bytes of general purpose RAM, a programmable
watchdog, a time stamp facility and a voltage monitoring facility. Programming is possible
using either an SPI or an I2C-bus interface.
2.
Features
PCF2128
Integrated RTC / TCXO / Crystal
Rev. 00.03 — 4 June 2007
Preliminary [short] data sheet
Integration of a 32.768 kHz quartz
crystal in the same package as the RTC
512 bytes of general purpose static
RAM
temperature compensated crystal
oscillator (TCXO) with integrated
capacitors.
1 second or 1 minute interrupt output
accuracy:
typically 3 ppm from
−20 °C to +70 °C,
typically 5 ppm from
−40 °C to +85 °C
oscillator stop detection
provides year, month, day, weekday,
hours, minutes and seconds
two line bi-directional 1 MHz fast mode
plus I2C interface
programmable alarm function with
interrupt capability
timestamp input
programmable countdown timer with
interrupt capability
power-on reset
programmable watchdog timer with
interrupt and reset capability
3 line SPI interface with separate data
input and output (maximum speed
6.5 Mbits/s)
timestamp function with interrupt
capability
programmable square wave output pin
battery backup input pin and switch-over
circuitry
I2C-bus slave address: read A3H and
write A2H
extra power fail detection with input and
output pins
clock operating voltage: <tbd> to 5.5 V
battery low detection
low backup current; typical 0.95
μA at
VDD = 3.0 V and Tamb =25
°C
battery backed output voltage pin
selectable I2C and SPI interface


Similar Part No. - PCF2128

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2120 NXP-PCF2120 Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
PCF2120TK NXP-PCF2120TK Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
PCF2120U NXP-PCF2120U Datasheet
85Kb / 14P
Quartz oscillator
Rev. 01-5 February 2008
PCF21219DUGR NXP-PCF21219DUGR Datasheet
862Kb / 107P
Automotive LCD driver for character displays
Rev. 4 ??8 April 2015
PCF2123 NXP-PCF2123 Datasheet
239Kb / 54P
SPI Real time clock/calendar
Rev. 01-19 November 2008
More results

Similar Description - PCF2128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
logo
NXP Semiconductors
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A_10 Datasheet
469Kb / 69P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
logo
Ramtron International C...
FM31T372 RAMTRON-FM31T372 Datasheet
796Kb / 26P
System Supervisor & Temperature Compensated RTC(TCXO) with Embedded Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com