Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2128 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF2128
Description  Integrated RTC / TCXO / Crystal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2128 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF2128 Datasheet HTML 2Page - NXP Semiconductors PCF2128 Datasheet HTML 3Page - NXP Semiconductors PCF2128 Datasheet HTML 4Page - NXP Semiconductors PCF2128 Datasheet HTML 5Page - NXP Semiconductors PCF2128 Datasheet HTML 6Page - NXP Semiconductors PCF2128 Datasheet HTML 7Page - NXP Semiconductors PCF2128 Datasheet HTML 8Page - NXP Semiconductors PCF2128 Datasheet HTML 9Page - NXP Semiconductors PCF2128 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PCF2128_SDS_0
© NXP B.V. 2007. All rights reserved.
Preliminary [short] data sheet
Rev. 00.03 — 4 June 2007
6 of 10
NXP Semiconductors
PCF2128
Real time clock / calendar
8.1 Application example
8.1.1 Timekeeping, power management, CLKOUT, timestamp and interface active
PCF2128 used for timekeeping, power management, CLKOUT and timestamp functions
(see Figure 4). The interface is active. Vout supplies an external chip (e.g. SRAM).
Fig 4.
Application diagram: timekeeping, power management, CLKOUT, timestamp with the interface active
mgm002_09
PCF2128
1
2
3
4
5
INT
SDA / CE
V
SS
SCL
SDI
SDO
V
DD
6
7
813
14
15
16
17
18
CLKOUT
19
20
n.c.
RST
V
BAT
IFS
V
OUT
9
10
12
11
n.c.
n.c.
n.c.
n.c.
PFO
TS
PFI
V
SS
V
DD = 2.2 - 5.5 V
100 nF
100 nF
microcontroller
SCL
SDI
SDO
CE
R
PU
INT
RST
to the MCU
R
1
R
2
Batt
100 nF
R
PU
PFO
INT
RST
from PCF2128
PFO
SRAM
V
DD
V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com