Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2800 Datasheet (PDF) - Microchip Technology

MIC2800 Datasheet PDF - Microchip Technology
Part # MIC2800
Download  MIC2800 Download
File Size   1720.69 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs

MIC2800 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2800 Datasheet PDF - Microchip Technology

Part # MIC2800
Download  MIC2800 Click to download

File Size   1720.69 Kbytes
Page   32 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs

MIC2800 Datasheet (HTML) - Microchip Technology


MIC2800 Product details

Features
• 2.7V to 5.5V Input Voltage Range
• 2 MHz DC/DC Converter and Two LDOs
• Integrated Power-on Reset (POR)
- Adjustable POR Delay Time
• LOWQ Mode
- 30 μA Total IQ when in LOWQ Mode
• DC/DC Converter
- Up to 600 mA of Output Current in PWM
Mode
- LOWQ Mode: NO RIPPLE Light Load Mode
- 75μVRMS Output Noise in LOWQ Mode
- 2 MHz PWM Mode Operation
- > 90% Efficiency
• LDO1 Input Voltage Directly Connected to DC/DC
Converter Output Voltage for Maximum Efficiency
- Ideal for 1.8V to 1.5V Conversion
- 300 mA Output Current from 1.8V Input
- Output Voltage Down to 0.8V
• LDO2 – 300 mA Output Current Capable
• Thermal Shutdown Protection
• Current Limit Protection
• Simple, Leakage-Free Interfacing to Host MPU in
Applications with Backup Power
• Tiny 16-Pin 3 mm x 3 mm QFN Package
Applications
• Embedded MPU and MCU Power
• Portable and Wearable Applications
• Low-Power RF Systems
• Backup Power Systems




Similar Part No. - MIC2800

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.5YML MICREL-MIC2800-1.8/1.2/2.5YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.6YML MICREL-MIC2800-1.8/1.2/2.6YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/2.8YML MICREL-MIC2800-1.8/1.2/2.8YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2800-1.8/1.2/3.3YML MICREL-MIC2800-1.8/1.2/3.3YML Datasheet
511Kb / 20P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
More results


Similar Description - MIC2800

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
logo
Analog Devices
ADP5033 AD-ADP5033 Datasheet
681Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. 0
ADP5034 AD-ADP5034 Datasheet
706Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
REV. A
ADP222 AD-ADP222 Datasheet
750Kb / 24P
Dual, 300 mA Output, Low Noise
REV. B
ADP5037 AD-ADP5037 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP5037ACPZ-R7 AD-ADP5037ACPZ-R7 Datasheet
758Kb / 28P
Dual 3 MHz, 800 mA Buck Regulators with Two 300 mA LDOs
REV. D
ADP2140 AD-ADP2140 Datasheet
2Mb / 32P
3 MHz, 600 mA, Low Quiescent Current Buck with 300 mA LDO Regulator
10/2019-Rev. A to Rev. B
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Analog Devices
ADP5034 AD-ADP5034_V01 Datasheet
758Kb / 28P
Dual 3 MHz, 1200 mA Buck Regulators with Two 300 mA LDOs
Rev. E
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com