Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet (PDF) - Microchip Technology

MIC5396 Datasheet PDF - Microchip Technology
Part # MIC5396
Download  MIC5396 Download
File Size   3108.75 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power Dual 300 mA LDO

MIC5396 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC5396 Datasheet PDF - Microchip Technology

Part # MIC5396
Download  MIC5396 Click to download

File Size   3108.75 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low-Power Dual 300 mA LDO

MIC5396 Datasheet (HTML) - Microchip Technology


MIC5396 Product details

General Description
The MIC5396, MIC5397, MIC5398, and MIC5399 are
advanced dual LDOs ideal for powering general
purpose portable devices. The MIC5396/7/8/9 provide
two high performance, independent 300 mA LDOs in a
single package. This makes it possible to improve
system efficiency by providing two independent supply
inputs that can be optimized for each individual LDO.
The MIC5396/7/8/9 also feature a wide output voltage
range down to 1.0V.
Its full feature set and low dropout voltage make it ideal
for battery-powered applications. The MIC5396/7/8/9
offer 2% accuracy, low dropout voltage (160 mV at
300 mA), and low ground current (typically 42 μA per
LDO at full load). The MIC5396/7/8/9 can also be put
into a zero off mode current state, drawing virtually no
current when disabled.
When the MIC5397 or MIC5399 are disabled, an
internal resistive load is automatically applied to the
output to discharge the output capacitor. In addition,
the MIC5398 and MIC5399 offer an internal enable
pull-down resistor to ensure that the output is disabled
when the enable is in tri-state mode. These LDOs also
offer fast transient response and high PSRR while
consuming a minimum operating current. The family is
available in a tiny 8-lead, 1.6 mm x 1.2 mm leadless
Extra Thin DFN package.

Features
• 2.5V to 5.5V Input Voltage Range
• Independent Power Inputs
• Output Voltage Range from 1V to 3.3V
• Two 300 mA Outputs
• High Output Accuracy (±2%)
• Low Quiescent Current (37 μA typ. per LDO)
• Stable with 1 μF Ceramic Output Capacitors
• Low Dropout Voltage (160 mV at 300 mA)
• Independent Enable Pins
• Internal Enable Pull-Down (MIC5398, MIC5399)
• Output Discharge Circuit (MIC5397, MIC5399)
• Thermal Shutdown Protection
• Current Limit Protection
• 8-Lead 1.6 mm × 1.2 mm Extra Thin DFN Package

Applications
• Smartphones
• DSC, GPS, PMP and PDAs
• Medical Devices
• Portable Electronics




Similar Part No. - MIC5396

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5396 MICREL-MIC5396 Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
MIC5396-GMYMX MICREL-MIC5396-GMYMX Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
More results


Similar Description - MIC5396

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
CAT6221 ONSEMI-CAT6221_12 Datasheet
586Kb / 10P
300 mA CMOS Dual LDO Regulator
February, 2011 ??Rev. 2
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
ON Semiconductor
NCP151 ONSEMI-NCP151 Datasheet
643Kb / 10P
LDO Regulator - Dual, High PSRR 300mA
September, 2019 ??Rev. 4
logo
Texas Instruments
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
300 mA LDO REGULATOR
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com