Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5396 Datasheet HTML 1Page - Microchip Technology MIC5396 Datasheet HTML 2Page - Microchip Technology MIC5396 Datasheet HTML 3Page - Microchip Technology MIC5396 Datasheet HTML 4Page - Microchip Technology MIC5396 Datasheet HTML 5Page - Microchip Technology MIC5396 Datasheet HTML 6Page - Microchip Technology MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MIC5396/7/8/9
DS20006264C-page 4
2019-2022 Microchip Technology Inc. and its subsidiaries
Shutdown Current
ISHDN
—
0.05
1
µA
VEN1 = VEN2 = 0V
Ripple Rejection
PSRR
—
60
—
dB
f = 1 kHz; COUT = 1 µF
Current Limit
ILIM
400
630
900
mA
VOUT = 0V
Output Voltage Noise
eN
—
93
—
µVRMS COUT = 1µF, 10 Hz to 100 kHz
Auto-Discharge NFET Resistance
RDS(ON)
—
25
—
Ω
MIC5397, MIC5399 Only;
VEN1 = VEN2 = 0V; VIN = 3.6V;
IOUT = –3 mA
Enable Inputs (EN1/EN2)
Enable Pull-Down Resistor
RPULL-DN
—
4
—
MΩ
MIC5398, MIC5399
Enable Input Voltage
VEN-LOW
—
—
0.2
V
Logic Low
VEN-HIGH 1.2
—
—
Logic High
Enable Input Current
MIC5396, MIC5397
IEN
—
0.01
1
µA
VEN = 0V
—
0.01
1
VEN = 5.5V
Enable Input Current
MIC5398, MIC5399
IEN
—
0.01
1
µA
VEN = 0V
—
1.4
2
VEN = 5.5V
Turn-On Time
tON
—
50
125
µs
COUT = 1 µF
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VIN1 = VEN1 = VOUT1 + 1V, VIN2 = VEN2 = VOUT2 + 1V, IOUT1 = IOUT2 = 100 µA; CIN1 =
CIN2 = COUT1 = COUT2 = 1 µF; TA = +25°C. Bold values are valid for –40°C to +125°C, unless noted. (Note 1).
Parameters
Symbol Min.
Typ.
Max.
Units Conditions
Note 1: Specification for packaged product only.
TEMPERATURE SPECIFICATIONS
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Temperature Range
TJ
–40
—
+125
°C
Note 1
Storage Temperature Range
TS
–65
—
+150
°C
—
Lead Temperature
—
—
—
260
°C
Soldering, 10 sec.
Package Thermal Resistances
Thermal Resistance, UDFN-8
JA
—
172.6
—
°C/W —
Thermal Resistance, Extra Thin DFN-8
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com