Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 17Page - Microchip Technology MIC5396 Datasheet HTML 18Page - Microchip Technology MIC5396 Datasheet HTML 19Page - Microchip Technology MIC5396 Datasheet HTML 20Page - Microchip Technology MIC5396 Datasheet HTML 21Page - Microchip Technology MIC5396 Datasheet HTML 22Page - Microchip Technology MIC5396 Datasheet HTML 23Page - Microchip Technology MIC5396 Datasheet HTML 24Page - Microchip Technology MIC5396 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 21
MIC5396/7/8/9
APPENDIX A: REVISION HISTORY
Revision A (October 2019)
• Converted Micrel document MIC5396/7/8/9 to
Microchip data sheet DS20006264A.
• Minor text changes throughout.
• Added Symbols column in the
Section 1.0 “Electrical Characteristics” table.
• Updated Section 4.0, Application Information with
adding this new sentence: These devices are not
suitable for RF transmitter systems.
• Changed IOUT = 300 mA from 500 mA in
Figure 2-12 and Figure 2-13.
Revision B (January 2020)
• Updates to the Product Identification System in
the Examples table and in the voltage option
segment.
Revision C (April 2022)
• Part variants table and latest drawings were
added to
Section 7.0 “Packaging Information”.
•
Section “Product Identification System” was
updated to more accurately describe the part.
• Minor layout and aesthetic changes throughout.
• Minor grammatical changes throughout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com