Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 23 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 23 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 18Page - Microchip Technology MIC5396 Datasheet HTML 19Page - Microchip Technology MIC5396 Datasheet HTML 20Page - Microchip Technology MIC5396 Datasheet HTML 21Page - Microchip Technology MIC5396 Datasheet HTML 22Page - Microchip Technology MIC5396 Datasheet HTML 23Page - Microchip Technology MIC5396 Datasheet HTML 24Page - Microchip Technology MIC5396 Datasheet HTML 25Page - Microchip Technology MIC5396 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 23
MIC5396/7/8/9
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
XX
Package
Device
Device:
MIC5396: Low-Power Dual 300 mA LDO
MIC5397: Low-Power Dual 300 mA LDO with Output
Discharge Circuit
MIC5398: Low-Power Dual 300 mA LDO with Internal Enable
Pull-Down
MIC5399: Low-Power Dual 300 mA LDO with Output
Discharge Circuit and Internal Enable Pull-Down
Voltage Option
GM
GP
P4
SS
SM
SG
MM
= 1.8V/2.8V (MIC5396)
= 1.8V/3.0V (MIC5397)
= 3.0V/1.2V (MIC5398)
= 3.3V/3.3V (MIC5399)
= 3.3V/2.8V (MIC5399)
= 3.3V/1.8V (MIC5399)
= 2.8V/2.8V (MIC5399)
Junction
Temperature
Range:
Y
= –40°C to +125°C (RoHS Compliant)
Package:
MT
MX
= 8-Lead 1.6 mm x 1.2 mm Thin DFN (Pb-Free)
= 8-Lead 1.6 mm x 1.2 mm Extra Thin DFN (Pb-Free)
Media Type:
T5
TR
= 500/Reel
= 5,000/Reel
X
Junction
-XX
Media Type
Temperature Range
Examples:
a) MIC5396-P4YMT-T5:
Low-Power Dual 300 mA LDO,
3.0V/1.2V, –40°C to +125°C, 8-
Lead 1.6 mm x 1.2 mm UDFN,
500/Reel
b) MIC5396-P4YMT-TR:
Low-Power Dual 300 mA LDO,
3.0V/1.2V, –40°C to +125°C, 8-
Lead 1.6 mm x 1.2 mm X2DFN,
5,000/Reel
c) MIC5397-GPYMT-T5:
Low-Power Dual 300 mA LDO
with Output Discharge Circuit,
1.8V/3.0V, –40°C to +125°C, 8-
Lead 1.6 mm x 1.2 mm UDFN,
500/Reel
d) MIC5397-GPYMX-TR:
Low-Power Dual 300 mA LDO
with Output Discharge Circuit,
1.8V/3.0V, –40°C to +125°C, 8-
Lead 1.6 mm x 1.2 mm X2DFN,
5,000/Reel
e) MIC5398-P4YMX-T5:
Low-Power Dual 300 mA LDO
with Internal Enable Pull-Down,
3.0V/1.2V, –40°C to +125°C,
8-Lead 1.6 mm x 1.2 mm
X2DFN, 500/Reel
f) MIC5398-P4YMX-TR:
Low-Power Dual 300 mA LDO
with Internal Enable Pull-Down,
3.0V/1.2V, –40°C to +125°C,
8-Lead 1.6 mm x 1.2 mm
X2DFN, 5,000/Reel
g) MIC5399-GMYMX-T5:
Low-Power Dual 300 mA LDO
with Output Discharge Circuit
and Internal Enable Pull-Down,
1.8V/2.8V, –40°C to +125°C,
8-Lead 1.6 mm x 1.2 mm
X2DFN, 500/Reel
h) MIC5399-MMYMT-TR:
Low-Power Dual 300 mA LDO
with Output Discharge Circuit
and Internal Enable Pull-Down,
2.8V/2.8V, –40°C to +125°C,
8-Lead 1.6 mm x 1.2 mm UDFN,
5,000/Reel
i) MIC5399-SMYMT-T5:
Low-Power Dual 300 mA LDO
with Output Discharge Circuit
and Internal Enable Pull-Down,
3.3V/2.8V, –40°C to +125°C,
8-Lead 1.6 mm x 1.2 mm UDFN,
500/Reel
j) MIC5399-SSYMX-TR:
Low-Power Dual 300 mA LDO
with Output Discharge Circuit
and Internal Enable Pull-Down,
3.3V/3.3V, –40°C to +125°C,
8-Lead 1.6 mm x 1.2 mm
X2DFN, 5,000/Reel
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
-XX
Voltage
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com