Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 6Page - Microchip Technology MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology MIC5396 Datasheet HTML 10Page - Microchip Technology MIC5396 Datasheet HTML 11Page - Microchip Technology MIC5396 Datasheet HTML 12Page - Microchip Technology MIC5396 Datasheet HTML 13Page - Microchip Technology MIC5396 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MIC5396/7/8/9
DS20006264C-page 10
2019-2022 Microchip Technology Inc. and its subsidiaries
EQUATION 4-3:
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions
for
the
regulator
circuit.
The
junction-to-ambient thermal resistance for the
minimum footprint is 172.6°C/W.
The maximum power dissipation must not be exceeded
for proper operation.
For example, when operating a 3.3V/2.8V application
with an input voltage of 3.6V and 300 mA at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined
as follows:
EQUATION 4-4:
Therefore, a MIC5396-SMYMX application with
300 mA at each output current can accept an ambient
operating temperature of 68.04°C in a 1.6 mm x
1.2 mm Extra Thin DFN package. For a full discussion
of heat sinking and thermal effects of voltage
regulators, refer to the "Regulator Thermals" section of
Designing with Low-Dropout Voltage Regulators
handbook.
PD MAX
TJ MAX
TA
–
JA
--------------------------------
=
Where:
TJ(MAX) =
125°C
JA =
172.6°C/W
0.33W
125C TA
–
/ 172.6C/W
=
TA 68.04C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com