Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 11 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology MIC5396 Datasheet HTML 10Page - Microchip Technology MIC5396 Datasheet HTML 11Page - Microchip Technology MIC5396 Datasheet HTML 12Page - Microchip Technology MIC5396 Datasheet HTML 13Page - Microchip Technology MIC5396 Datasheet HTML 14Page - Microchip Technology MIC5396 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 11
MIC5396/7/8/9
5.0
TYPICAL APPLICATION SCHEMATIC
FIGURE 5-1:
MIC5396/7/8/9-x.xYMX Typical Application Schematic.
TABLE 5-1:
BILL OF MATERIALS
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
C1608X5R0J106K
TDK
Capacitor, 1 µF Ceramic, 10V, X5R, Size 0402
2
C1, C2
C1005X5R1A105K
TDK
Capacitor, 1 µF Ceramic, 10V, X5R, Size 0402
2
C1, C2
CR0603100KFKEA
Vishay
Resistor, 100 kΩ, 1/16W, Size 0603
2
U1
MIC5396/7/8/9-xxYMX
Microchip
Dual, 300 mA LDO, Size 1.2mm × 1.6mm
Extra Thin DFN
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com