Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 9Page - Microchip Technology MIC5396 Datasheet HTML 10Page - Microchip Technology MIC5396 Datasheet HTML 11Page - Microchip Technology MIC5396 Datasheet HTML 12Page - Microchip Technology MIC5396 Datasheet HTML 13Page - Microchip Technology MIC5396 Datasheet HTML 14Page - Microchip Technology MIC5396 Datasheet HTML 15Page - Microchip Technology MIC5396 Datasheet HTML 16Page - Microchip Technology MIC5396 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 13
MIC5396/7/8/9
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
Legend: XX...X Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator ( )
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
3
e
3
e
Note: In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) symbol may not be to scale.
XX
XX
B4
F2
8-Lead X2DFN
8-Lead UDFN
Example
Example
Part Number
Output Voltage Code
MIC5396-P4YMT
3.0V/1.2V
B4
MIC5397-GPYMT
1.8V/3.0V
D6
MIC5399-GMYMT
1.8V/2.8V
H4
MIC5399-MMYMT
2.8V/2.8V
L8
MIC5399-SMYMT
3.3V/2.8V
L9
Note:
The content of this table applies to
8-Lead UDFN.
Part Number
Output Voltage Code
MIC5396-GMYMX
1.8V/2.8V
F2
MIC5397-GPYMX
1.8V/3.0V
D4
MIC5398-P4YMX
3.0V/1.2V
E5
MIC5399-GMYMX
1.8V/2.8V
H1
MIC5399-MMYMX
2.8V/2.8V
H7
MIC5399-SGYMX
3.3V/1.8V
H5
MIC5399-SMYMX
3.3V/2.8V
H6
MIC5399-SSYMX
3.3V/3.3V
H4
Note:
The content of this table applies to
8-Lead X2DFN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com