Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 3 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 3 Page - Microchip Technology

  MIC5396 Datasheet HTML 1Page - Microchip Technology MIC5396 Datasheet HTML 2Page - Microchip Technology MIC5396 Datasheet HTML 3Page - Microchip Technology MIC5396 Datasheet HTML 4Page - Microchip Technology MIC5396 Datasheet HTML 5Page - Microchip Technology MIC5396 Datasheet HTML 6Page - Microchip Technology MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2019-2022 Microchip Technology Inc. and its subsidiaries
DS20006264C-page 3
MIC5396/7/8/9
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
Supply Voltage (VIN1, VIN2).......................................................................................................................... –0.3V to +6V
Enable Voltage (VEN1, VEN2) .........................................................................................................................–0.3V to VIN
Power Dissipation (PD) Note 1...............................................................................................................Internally Limited
ESD Rating Note 2..................................................................................................................................................... 3 kV
Operating Ratings(‡)
Supply Voltage (VIN1, VIN2)....................................................................................................................... +2.5V to +5.5V
Enable Voltage (VEN1, VEN2) ..............................................................................................................................0V to VIN
Note 1: The maximum allowable power dissipation of any TA (ambient temperature) is PD(MAX) = (TJ(MAX) – TA)/θJA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the
regulator will go into thermal shutdown.
2: Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5 kΩ in series
with 100 pF.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at those or any other con-
ditions above those indicated in the operational sections of this specification is not intended. Exposure to
maximum rating conditions for extended periods may affect device reliability.
‡ Notice: The device is not guaranteed to function outside its operating ratings.
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: VIN1 = VEN1 = VOUT1 + 1V, VIN2 = VEN2 = VOUT2 + 1V, IOUT1 = IOUT2 = 100 µA; CIN1 =
CIN2 = COUT1 = COUT2 = 1 µF; TA = +25°C. Bold values are valid for –40°C to +125°C, unless noted. (Note 1).
Parameters
Symbol Min.
Typ.
Max.
Units Conditions
Output Voltage Accuracy
VOUT
–2.0
—
+2.0
%
Variation from nominal VOUT
–3.0
—
+3.0
Line Regulation
—
—
0.02
0.3
%/V VIN = VOUT +1V to 5.5V,
IOUT = 100 µA
Load Regulation
—
—
8
40
mV
IOUT = 100 µA to 300 mA
Dropout Voltage
VDO
—
80
190
mV
IOUT = 150 mA
—
160
380
IOUT = 300 mA
Ground Pin Current
IGND
—
37
55
µA
VEN1 = High; VEN2 = Low;
IOUT2 = 0 mA
—
37
55
VEN1 = Low; VEN2 = High;
IOUT1 = 0 mA
—
74
110
VEN1 = VEN2 = High;
IOUT1 = IOUT2 = 0 mA
Ground Pin Current
IGND
—
42
65
µA
VEN1 = High; VEN2 = Low;
IOUT1 = 300 mA
—
42
65
VEN1 = Low; VEN2 = High;
IOUT2 = 300 mA
—
84
130
VEN1 = VEN2 = High;
IOUT1 = IOUT2 = 300 mA
Note 1: Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com