Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5396 Datasheet(PDF) 6 Page - Microchip Technology

Part # MIC5396
Description  Low-Power Dual 300 mA LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5396 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MIC5396 Datasheet HTML 2Page - Microchip Technology MIC5396 Datasheet HTML 3Page - Microchip Technology MIC5396 Datasheet HTML 4Page - Microchip Technology MIC5396 Datasheet HTML 5Page - Microchip Technology MIC5396 Datasheet HTML 6Page - Microchip Technology MIC5396 Datasheet HTML 7Page - Microchip Technology MIC5396 Datasheet HTML 8Page - Microchip Technology MIC5396 Datasheet HTML 9Page - Microchip Technology MIC5396 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MIC5396/7/8/9
DS20006264C-page 6
2019-2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Dropout Voltage vs. Output
Current.
FIGURE 2-8:
Dropout Voltage vs.
Temperature.
FIGURE 2-9:
Current Limit vs. Input
Voltage.
FIGURE 2-10:
Output Noise Spectral
Density.
FIGURE 2-11:
Turn-On Time.
FIGURE 2-12:
Line Transient VIN1.
0
20
40
60
80
100
120
140
160
180
0
50
100
150
200
250
300
OUTPUT CURRENT (mA)
VOUT = 2.8V
CIN = COUT = 1 μF
0
20
40
60
80
100
120
140
160
180
200
220
240
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
CIN = COUT = 1 μF
10 mA
150 mA
300 mA
400
450
500
550
600
650
700
750
800
850
900
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VOUT1 = 1.8V
VOUT2 = 2.8V
CIN = COUT = 1 μF
LDO2
LDO1
0.0001
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
10
10
10
100
1
1,0K
10K
100K
000
10M
,0
1M
VIN = VEN = 4.5V
VOUT = 1.8V
COUT = 1 μF
20 μs/div
VIN = 3.8V
VOUT1 = 1.8V
VOUT2 = 2.8V
3
100 μs/div
CIN = COUT = 1 μF
IOUT = 300 mA
VOUT1 = 2.8V
VOUT2 = OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com