Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2800 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 4 Page - Microchip Technology

  MIC2800 Datasheet HTML 1Page - Microchip Technology MIC2800 Datasheet HTML 2Page - Microchip Technology MIC2800 Datasheet HTML 3Page - Microchip Technology MIC2800 Datasheet HTML 4Page - Microchip Technology MIC2800 Datasheet HTML 5Page - Microchip Technology MIC2800 Datasheet HTML 6Page - Microchip Technology MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MIC2800
DS20005839C-page 4
 2017-2023 Microchip Technology Inc. and its subsidiaries
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (Note 1)
Electrical Characteristics: VIN =EN1 =EN2 =LOWQ =VOUT (Note 2)+ 1V; COUTDC/DC = 2.2 µF,
COUT1 =COUT2 = 2.2 µF; IOUTDC/DC = 100 mA; IOUTLDO1 =IOUTLDO2 =100 µA; TJ =25°C, bold values indicate
-40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
UVLO Threshold
UVLOTH
2.45
2.55
2.65
V
Rising input voltage during turn on
UVLO Hysteresis
UVLOHYS
—100
—
mV
Ground Pin Current
IGND
—
800
55
1100
85
95
µA
VFB = GND (not switching);
LDO2 Only (EN1 = LOW)
Ground Pin Current in
Shutdown
IGND_SHDN
—
0.2
5
µA
All EN = 0V
Ground Pin Current
(LOWQ mode)
IGND_LOWQ
—
30
20
60
80
70
µA
µA
µA
All channels ON,
IDC/DC =ILDO1 =ILDO2 =0 mA
DC/DC and LDO1 OFF;
ILDO2 =0mA
Overtemperature
Shutdown
TSD
—160
—
°C
Overtemperature
Shutdown Hysteresis
TSDHYS
—23—
°C
Enable Inputs (EN1; EN2; /LOWQ)
Enable Input Voltage
Logic Low
VIL
——
0.2
V
Enable Input Voltage
Logic High
VIH
1.0
——
V
Enable Input Current
IEN
—0.1
1
µA
VIL ≤ 0.2V
—0.1
1
µA
VIH ≥1.0V
Turn-on Time
Turn-on Time
(LDO1 and LDO2)
tTURN-ON
—
240
120
500
350
µs
EN2 = VIN
EN1 = VIN
Turn-on Time (DC/DC)
tTURN-ON
—83
350
µs
EN2 = VIN; ILOAD = 300 mA;
CBYP =0.1 µF
POR Output
POR Threshold Voltage,
Failing
VTHLOW_POR
90
91
—
%
Low Threshold, % of nominal
(VDC/DC or VLDO1 or VLDO2) (Flag
ON)
POR Threshold Voltage,
Rising
VTHIGH_POR
—96
99
%
High Threshold, % of nominal
(VDC/DC AND VLDO1 AND VLDO2)
(Flag OFF)
POR Output Logic Low
Voltage (VOL)
VOLPOR
—10
100
mV
IL = 250 µA
IPOR
ILEAKPOR
—0.01
1
µA
Flag Leakage Current, Flag OFF
CSET INPUT
CSET Pin Current
Source
ICSET
0.75
1.25
1.75
µA
VCSET =0V
CSET Pin Threshold
Voltage
VTHCSET
—1.25—
V
POR = High
Note 1: Specification for packaged product only.
2: VOUT denotes the highest of the three output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com