Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2800 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2800 Datasheet HTML 9Page - Microchip Technology MIC2800 Datasheet HTML 10Page - Microchip Technology MIC2800 Datasheet HTML 11Page - Microchip Technology MIC2800 Datasheet HTML 12Page - Microchip Technology MIC2800 Datasheet HTML 13Page - Microchip Technology MIC2800 Datasheet HTML 14Page - Microchip Technology MIC2800 Datasheet HTML 15Page - Microchip Technology MIC2800 Datasheet HTML 16Page - Microchip Technology MIC2800 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2017-2023 Microchip Technology Inc. and its subsidiaries
DS20005839C-page 13
MIC2800
FIGURE 2-25:
Enable Transient PWM
Mode.
FIGURE 2-26:
DC/DC Load Transient
LowQ Mode.
FIGURE 2-27:
DC/DC Line Transient LowQ
Mode.
FIGURE 2-28:
Enable Transient LowQ
Mode.
FIGURE 2-29:
LDO2 Load Transient
Normal Mode.
FIGURE 2-30:
LDO Load Transient LowQ
Mode.
Time (40 µs/div)
V
OUT=1.8V
V
IN=3.6V
I
OUT=300 mA
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=V
IN
50 mA
Time (10 µs/div)
V
OUT=1.8V
V
IN=VOUT+1V
/LowQ=GND
C
OUT=2.2 µF
C
BYP=0.01 µF
100 uA
V
OUT=1.87V
V
IN=VOUT+1V
I
OUT=10 mA
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=GND
Time (20 µs/div)
V
OUT=1.8V
V
IN=EN1=3.8V
I
OUT=100 µA
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=GND
Time (20 µs/div)
V
OUT=2.8V
V
IN=3.6V
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=V
IN
Time (4 µs/div)
300 mA
100 uA
V
OUT=2.8V
V
IN=VOUT+1V
C
OUT=2.2 µF
C
BYP=0.01 µF
/LowQ=GND
Time (200 µs/div)
50 mA
100 uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com