Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2800 Datasheet(PDF) 2 Page - Microchip Technology

Part # MIC2800
Description  Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2800 Datasheet(HTML) 2 Page - Microchip Technology

  MIC2800 Datasheet HTML 1Page - Microchip Technology MIC2800 Datasheet HTML 2Page - Microchip Technology MIC2800 Datasheet HTML 3Page - Microchip Technology MIC2800 Datasheet HTML 4Page - Microchip Technology MIC2800 Datasheet HTML 5Page - Microchip Technology MIC2800 Datasheet HTML 6Page - Microchip Technology MIC2800 Datasheet HTML 7Page - Microchip Technology MIC2800 Datasheet HTML 8Page - Microchip Technology MIC2800 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MIC2800
DS20005839C-page 2
 2017-2023 Microchip Technology Inc. and its subsidiaries
Typical Application Circuit (Simplified)
Functional Diagram
VIN =
5V typ
SW
LDO
MIC2800-G1JS
C1
4.7 µF
VIN
EN2
Enable
VIN
L1
2.2 µH
PGND
POR
2.2 µF
VDDIO_DDR
nRST
GPIO
SGND
/LOWQ
CBIAS
100 nF
10 µF
LDO1
10 µF
VDD_CORE
BIAS
LDO2
10 µF
VDD_IO
CBYP
100 nF
CBYP
CSET
10 nF
CSET
EN1
RC
delay
SAMA5D2
MPU
DDR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com