Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet (PDF) - OSRAM GmbH

AS1170 Datasheet PDF - OSRAM GmbH
Part # AS1170
Download  AS1170 Download
File Size   1782.57 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description AS1170 High current LED/VCSEL driver

AS1170 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1170 Datasheet PDF - OSRAM GmbH

Part # AS1170
Download  AS1170 Click to download

File Size   1782.57 Kbytes
Page   53 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description AS1170 High current LED/VCSEL driver

AS1170 Datasheet (HTML) - OSRAM GmbH


AS1170 Product details

Features
High efficiency 4 MHz fixed frequency DCDC Boost converter
Independent channel control
PWM operation for lower output current
WL-CSP package
Automatic current adjustment for low battery voltage
High output current

Benefits
Stable even in coil current limit
Combine channels for higher current output
31.25 kHz to avoid audible noise
Tiny footprint of 2.25 mm x 1.5 mm x 0.6 mm
Long battery lifetime
Current adjustable up to 2000 mA




Similar Part No. - AS1170

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
AS1170 AMSOSRAM-AS1170 Datasheet
1Mb / 53P
AS1170 High current LED/VCSEL driver
2024-Feb-05
More results


Similar Description - AS1170

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3905 MAXIM-MAX3905 Datasheet
1Mb / 13P
150Mbps Automotive VCSEL Driver
Rev 0; 4/04
logo
ON Semiconductor
NUD4001 ONSEMI-NUD4001 Datasheet
119Kb / 8P
High Current LED Driver
June, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
4.25Gbps VCSEL Driver
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
3.3V, 4.25Gbps VCSEL Driver
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
11.3Gbps VCSEL DRIVER
logo
ON Semiconductor
NSVD4001DR2G ONSEMI-NSVD4001DR2G Datasheet
147Kb / 8P
High Current LED Driver
November, 2011 ??Rev. 7
logo
Global Mixed-mode Techn...
G5991 GMT-G5991 Datasheet
99Kb / 1P
High Current LED Driver
logo
IC-Haus GmbH
IC-HV ICHAUS-IC-HV Datasheet
444Kb / 8P
VCSEL ARRAY DRIVER
logo
Integrated Device Techn...
HXT6101 IDT-HXT6101 Datasheet
40Kb / 2P
16Gbps VCSEL Driver
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com