Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 5 Page - OSRAM GmbH

  AS1170 Datasheet HTML 1Page - OSRAM GmbH AS1170 Datasheet HTML 2Page - OSRAM GmbH AS1170 Datasheet HTML 3Page - OSRAM GmbH AS1170 Datasheet HTML 4Page - OSRAM GmbH AS1170 Datasheet HTML 5Page - OSRAM GmbH AS1170 Datasheet HTML 6Page - OSRAM GmbH AS1170 Datasheet HTML 7Page - OSRAM GmbH AS1170 Datasheet HTML 8Page - OSRAM GmbH AS1170 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
AS1170
Ordering information
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
5 / 53
/
1.3
Block diagram
The functional block of this device is shown below:
Figure 1: Functional block of AS1170
2
Ordering information
Product code
Q-number
Package
Delivery form
Delivery quantity
AS1170
Q65113A7128
AS1170 WLP LF T&R
Tape and reel
10000 pcs
AS1170
Q65113A7129
AS1170 WLP LF T&R
Tape and reel
500 pcs
DCDC
Control
Circuit
VIN
SW1/2
VOUT1
STROBE
SDA
SCL
LED_OUT1
LED_OUT2
1.0µH
10uF
10uF
GND
LDCDC
CVIN
CVOUT
I2C
ADDRESS
SELECT
FlashStrobe
I2C Interface
VOUT2
2x 1000mA
VBAT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com