Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 17 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 13Page - OSRAM GmbH AS1170 Datasheet HTML 14Page - OSRAM GmbH AS1170 Datasheet HTML 15Page - OSRAM GmbH AS1170 Datasheet HTML 16Page - OSRAM GmbH AS1170 Datasheet HTML 17Page - OSRAM GmbH AS1170 Datasheet HTML 18Page - OSRAM GmbH AS1170 Datasheet HTML 19Page - OSRAM GmbH AS1170 Datasheet HTML 20Page - OSRAM GmbH AS1170 Datasheet HTML 21Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
17 / 53
/
7.1
Softstart / soft ramp down
During startup and ramp down the LED current is smoothly ramped up and ramped down. If
the DCDC converter goes out of regulation (measured by monitoring the voltage across the
current sinks), the ramp up is temporarily stopped in order for the DCDC to return to
regulation3.
7.2
4 MHz / 1 MHz operating mode switching
If freq_switch_on=1 and in flash and assist light mode (indicator mode or low current mode
using PWM mode -see mode_setting - always will use pulseskip) if led_current1>=40h and
led_current2>=40h and current_boost=0, the DCDC converter always operates in PWM mode
(exception: PFM mode is allowed during startup) to reduce EMI in EMI sensitive systems. For
flash and assist light mode and high duty cycles close to 100% on-time (maximum duty cycle)
of the PMOS, the DCDC converter can switch into a 1 MHz operating mode and maximum
duty cycle to improve efficiency for this load condition4. The DCDC converter returns back to
its normal 4 MHz operating frequency when load or supply conditions change. Due to this
switching between two fixed frequencies the noise spectrum of the system is exactly defined
and predictable. If improved efficiency is required, the fixed switching between 1 MHz / 4 MHz
can be disabled by freq_switch_on=0. In this case pulseskip will be used.
3 The actual value of the LED current setting can be readout by the register led_current_actual to allow the camera processor to
adopt to the actual operating conditions.
4 Efficiency compared to a 4 MHz only DCDC converter forced to operate with minimum duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com