Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 36 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 36 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 32Page - OSRAM GmbH AS1170 Datasheet HTML 33Page - OSRAM GmbH AS1170 Datasheet HTML 34Page - OSRAM GmbH AS1170 Datasheet HTML 35Page - OSRAM GmbH AS1170 Datasheet HTML 36Page - OSRAM GmbH AS1170 Datasheet HTML 37Page - OSRAM GmbH AS1170 Datasheet HTML 38Page - OSRAM GmbH AS1170 Datasheet HTML 39Page - OSRAM GmbH AS1170 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
36 / 53
/
(2) Do not use current_boost=1 for currents <= 900 mA
8.4
Low voltage register
Table 10: Low voltage register
Addr: 4
Low voltage register
Bit
Bit name
Default
Access
Bit description
2:0
vin_low_v_run
4h
R/W
Voltage level on VIN where current reduction triggers during
operation (see Current Reduction by VIN measurements in
flash mode - only in flash mode; if VIN drops below this
voltage during current ramp up, the current ramp up is
stopped; during operation the current is decreased until the
voltage on VIN rises above this threshold - fault_uvlo is set.
Value
Description
0h
Function is disabled
1h
3.0 V
2h
3.07 V
3h
3.14 V
4h
3.22 V - default
5h
3.3 V
6h
3.38 V
7h
3.47 V
5:3
vin_low_v
5h
R/W
Voltage level on VIN where driver will change current before
startup (only in flash mode) if before startup (out_on set from
0 to 1), the voltage on VIN is below vin_low_v, the current is
changed to 0 = shutdown (vin_low_v_shutdown=1) and
fault_uvlo is set.
Value
Description
0h
Function is disabled
1h
3.0 V
2h
3.07 V
3h
3.14 V
4h
3.22 V
5h
3.3 V - default
6h
3.38 V
7h
3.47 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com