Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 5Page - OSRAM GmbH AS1170 Datasheet HTML 6Page - OSRAM GmbH AS1170 Datasheet HTML 7Page - OSRAM GmbH AS1170 Datasheet HTML 8Page - OSRAM GmbH AS1170 Datasheet HTML 9Page - OSRAM GmbH AS1170 Datasheet HTML 10Page - OSRAM GmbH AS1170 Datasheet HTML 11Page - OSRAM GmbH AS1170 Datasheet HTML 12Page - OSRAM GmbH AS1170 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
AS1170
Electrical characteristics
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
9 / 53
/
Symbol
Parameter
Condition
Min
Typ.
Max
Unit
Current sinks
VLED
LED forward
voltage
Two flash LEDs at 1800 mA
combined
2.8
3.5
3.95
V
Single flash LED at 1600 mA
2.8
4.2
V
ILED_OUT
LED_OUT1/2
current sinks
output combined
Dual flash LED
current_boost=1
0
2000
mA
current_boost=0
0
1800
Single flash LED
1600
mA
ILED_OUT
LED_OUT1/2
current sink
accuracy
ILEDOUT>=800 mA or
ILEDOUT<500 mA 0 °C < TJ <
100 °C
-7
+7
%
500 mA<ILED_OUT<800 mA, 0 °C <
TJ < 100 °C
-5
+5
%
ILED_OUTRAMP
LED_OUT1/2
ramp time
Ramp-up during startup
250
1000
µs
Ramp-down
500
1000
µs
ILED_OUTRIPPLE
LED_OUT current
ripple
ILED_OUT = 1000 mA, BW=20 MHz
20
mAPP
VILED_COMP
LED_OUT current
sink voltage
compliance
Minimum
voltage
between pin
LED_OUT1/2
and GND for
operation of
the current
sink
current_boost=0
325
mV
current_boost=1
360
VLED_OUTCOMP
_HYST
Comparators
hysteresis
Hysteresis for comparators
between LED_OUT1 and
LED_OUT2 reporting signals
led_out1above2 and
led_out2above1
30
mV
VHIGH_VDS
Comparator high
VDS
Low VDS and high VDS
comparator
– see Page 17
900
mV
VLOW_VDS
Comparator low
VDS
320
ILEAK_LED_OUT
LED_OUT1/2
leakage current
Pins LED_OUT1 and LED_OUT2
-1.0
0.0
+1.0
µA
Protection and fault detection functions (see Page 18)
VVOUTMAX
VVOUT overvoltage
protection
DCDC converter overvoltage
protection
5.0
5.3
5.6
V
ILIMIT
Current limit for
coil LDCDC (Pin
SW) measured at
40% PWM duty
cycle maximum
40000s lifetime
operation in
overcurrent limit
coil_peak=00b
1.8
2.0
2.23
A
coil_peak=01b
2.25
2.5
2.78
Default value
coil_peak (see
Page 24 =10b
2.7
3.0
3.34
coil_peak=11b
3.15
3.5
3.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com