Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 26 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 22Page - OSRAM GmbH AS1170 Datasheet HTML 23Page - OSRAM GmbH AS1170 Datasheet HTML 24Page - OSRAM GmbH AS1170 Datasheet HTML 25Page - OSRAM GmbH AS1170 Datasheet HTML 26Page - OSRAM GmbH AS1170 Datasheet HTML 27Page - OSRAM GmbH AS1170 Datasheet HTML 28Page - OSRAM GmbH AS1170 Datasheet HTML 29Page - OSRAM GmbH AS1170 Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
26 / 53
/
Figure 22: Low voltage current reduction waveform with short diagnostic-flash and main-flash phase
The different settings for vin_low_v_run allow a constant main flash current without dropping
VIN below vin_low_v_run.
7.5.8
Load balancing
To improve the efficiency of the AS1170 for LEDs with unmatched forward voltage and reduce
the internal power dissipation of the AS1170, set the bit load_balance_on=1. This bit can
change the currents through the LEDs by up to ±15% (up to 115%/85% of set current between
LED_OUT1 to LED_OUT2) to match the forward voltage of the LED better.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com