Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 40 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 40 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 36Page - OSRAM GmbH AS1170 Datasheet HTML 37Page - OSRAM GmbH AS1170 Datasheet HTML 38Page - OSRAM GmbH AS1170 Datasheet HTML 39Page - OSRAM GmbH AS1170 Datasheet HTML 40Page - OSRAM GmbH AS1170 Datasheet HTML 41Page - OSRAM GmbH AS1170 Datasheet HTML 42Page - OSRAM GmbH AS1170 Datasheet HTML 43Page - OSRAM GmbH AS1170 Datasheet HTML 44Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
40 / 53
/
8.7
Strobe signaling register
Table 13: Strobe signaling register
Addr: 7
Strobe signaling register
Bit
Bit name
Default
Access
Bit description
6
strobe_type
1
R/W
Defines if the STROBE input is edge or level sensitive;
see also bit strobe_on.
Value
Description
0
STROBE input is edge sensitive.
1
STROBE input is level sensitive.
7
strobe_on
1
R/W
Enables the STROBE input.
Value
Description
0
STROBE input disabled.
1
STROBE input enabled in flash mode.
(1) This register defines the flash current reducing and mode for STROBE.
8.8
Fault register
Table 14: Fault register
Addr: 8
Fault register
Bit
Bit name
Default
Access
Bit description
0
fault_uvlo
0
R/sC(2)
An undervoltage event has happened - see Current Reduction
by VIN measurements in Flash Mode.
Value
Description
0
No
1
Yes
1
reserved
0
R
Reserved -
don’t use.
2
reserved
0
R
Reserved -
don’t use.
4
fault_timeout
0
R/sC(2)
See Flash Timeout.
Value
Description
0
No fault.
1
Flash timeout exceeded.
5
fault_overtemp
0
R/sC(2)
See Overtemperature Protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com