Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 38Page - OSRAM GmbH AS1170 Datasheet HTML 39Page - OSRAM GmbH AS1170 Datasheet HTML 40Page - OSRAM GmbH AS1170 Datasheet HTML 41Page - OSRAM GmbH AS1170 Datasheet HTML 42Page - OSRAM GmbH AS1170 Datasheet HTML 43Page - OSRAM GmbH AS1170 Datasheet HTML 44Page - OSRAM GmbH AS1170 Datasheet HTML 45Page - OSRAM GmbH AS1170 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
AS1170
Register description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
42 / 53
/
Addr: 9
PWM and indicator register
Bit
Bit name
Default
Access
Bit description
1
In flash and assist light mode (indicator mode
or low current mode using PWM always will
use pulseskip) if led_current1>=40h and
led_current2>=40h and current_boost=0, the
DCDC is running at 4 MHz or 1 MHz
(pulseskip is disabled) - results in improved
noise performance.
3
led_out1above2
0
R
Measure the voltage difference between LED_OUT1
vs.LED_OUT2 during operation of the DCDC.
Value
Description
0
1
V(LED_OUT1) > V(LED_OUT2) +
VLED_OUTCOMP_HYST
4
led_out2above1
0
R
Measure the voltage difference between LED_OUT1
vs. LED_OUT2 during operation of the DCDC.
Value
Description
0
1
V(LED_OUT2) > V(LED_OUT1) +
VLED_OUTCOMP_HYST
5
load_balance_on
0
R/W
Balance the current sinks (up to +/-10% of set current)
to improve application efficiency for unmatched LED
forward voltages - see Load Balancing.
Value
Description
0
Disabled.
1
Enabled.
(1) This register defines the PWM mode (e.g. for indicator) and 4/1 MHz mode switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com