Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 49 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 49 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 45Page - OSRAM GmbH AS1170 Datasheet HTML 46Page - OSRAM GmbH AS1170 Datasheet HTML 47Page - OSRAM GmbH AS1170 Datasheet HTML 48Page - OSRAM GmbH AS1170 Datasheet HTML 49Page - OSRAM GmbH AS1170 Datasheet HTML 50Page - OSRAM GmbH AS1170 Datasheet HTML 51Page - OSRAM GmbH AS1170 Datasheet HTML 52Page - OSRAM GmbH AS1170 Datasheet HTML 53Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
AS1170
Application information
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
49 / 53
/
Figure 32: Layout recommendation
(1) If component placement rules allow, move all components close to the AS1170 to reduce the area and length of Loop1 and
Loop2.
An additional 100 nF (e.g. Murata GRM155R61C104, > 50 nF @ 3 V, 0402 size) capacitor
CVIN2 in parallel to CVIN is recommended to filter high frequency noise for the power supply of
AS1170. This capacitor should be as close as possible to the GND/VIN pins of AS1170.
10.3
5 V operating mode
The AS1170 can be used to power a 5 V system (e.g. audio amplifier). The operating mode is
selected by setting register bit const_v_mode=1. In this operating mode, the current sinks are
disabled and cannot be switched on.
Information:
• There is always a diode between V
IN and VOUT1/2 due to the internal circuit.
Therefore VOUT1/2 cannot be completely switched off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com