Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 41Page - OSRAM GmbH AS1170 Datasheet HTML 42Page - OSRAM GmbH AS1170 Datasheet HTML 43Page - OSRAM GmbH AS1170 Datasheet HTML 44Page - OSRAM GmbH AS1170 Datasheet HTML 45Page - OSRAM GmbH AS1170 Datasheet HTML 46Page - OSRAM GmbH AS1170 Datasheet HTML 47Page - OSRAM GmbH AS1170 Datasheet HTML 48Page - OSRAM GmbH AS1170 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 53 page
background image
AS1170
Register map
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
45 / 53
/
9
Register map
Table 20: Register map (1)
Register
definition
Addr
Default
<b7>
<b6>
<b5>
<b4>
<b3>
<b2>
<b1>
<b0>
ChipID
0
Bxh
fixed_id
version
Current set
LED1
1
9Ch
led_current1
Current set
LED2
2
9Ch
led_current2
Low voltage
4
2Ch
const_v
_mode
vin_low_
v_shutd
own
vin_low_v
vin_low_v_run
Flash timer
5
23h
flash_timeout
Control
6
00h
auto_s
trobe
out_on
reserved
mode_setting
Strobe
signalling
7
C0h
strobe_o
n
strobe_t
ype
Fault
8
00h
fault_ov
p
fault_led
_short
fault_ov
ertemp
fault_ti
meout
fault_t
x
mask
reserved
reserv
ed
fault_uvl
o
PWM and
Indicator
9
00h
load_bal
ance_on
led_ou
t2abov
e1
led_ou
t1abov
e2
freq_swi
tch_on
inct_p
wm
load_bal
ance_on
Minimum LED
current
Eh
00h
led_current_min
Actual LED
current
Fh
00h
led_current_actual
Password
register
80h
00h
password
Current boost
81h
00h
current_
boost
(1) Always write
’0’ to undefined register bits (e.g. to bits 4..7 of register 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com