Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 48 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 44Page - OSRAM GmbH AS1170 Datasheet HTML 45Page - OSRAM GmbH AS1170 Datasheet HTML 46Page - OSRAM GmbH AS1170 Datasheet HTML 47Page - OSRAM GmbH AS1170 Datasheet HTML 48Page - OSRAM GmbH AS1170 Datasheet HTML 49Page - OSRAM GmbH AS1170 Datasheet HTML 50Page - OSRAM GmbH AS1170 Datasheet HTML 51Page - OSRAM GmbH AS1170 Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
AS1170
Application information
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
48 / 53
/
Part number
L
DCR
ISATURATION
Size
Manufacturer
MDMK2020T1R0M
1.0 µH > 0.6 µH @
2.75 A
56 m
Ω
2.55 A (6)
2.0x2.0x1.2 mm
height is max
MAKK2016T1R0M
1.0 µH > 0.6 µH @
2.75 A
65 m
Ω
2.0 A (7)
2.0x1.6x1.0 mm
height is max
(1) Do not exceed maximum ISATURATION - can be ensured by setting coil_peak (will limit LED current).
(2) Flash pattern: 200 ms / 3 A, 200 ms pause, 200 ms / 3 A, 2 s then repeat again (no limit on the number of total cycles)
Alternative pattern with 1000 ms / 1.6 A, 200 ms pause, 200 ms / 3 A, 200 ms pause, 200 ms / 3 A, 2 s then repeat again. (no
limit on the number of total cycles).
(3) Set current limit to 2 A (coil_peak=00b) - will limit maximum output current. Flash cycle limit: 150 ms on, 500 ms off; repeat
maximum 50 times.
(4) Set current limit to 2.5 A (coil_peak=01b) - will limit maximum output current.
(5) Set current limit to 3.0 A (coil_peak=10b) - can limit maximum output current.
(6) Set current limit to 2.5 A (coil_peak=01b) - will limit maximum output current.
(7) Set current limit to 2 A (coil_peak=00b) - will limit maximum output current.
If a different inductor is chosen, ensure similar DCR values and at least 0.6 µH inductance at
ILIMIT.
10.2
PCB layout guideline
The high speed operation requires proper layout for optimum performance. Route the power
traces first and try to minimize the area and wire length of the two high frequency/high current
loops:
Loop1: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin GND - CVIN/CVIN2
Loop2: CVIN/CVIN2 - LDCDC - pin SW1/2 - pin VOUT1/2 - CVOUT - pin GND - CVIN/CVIN2
At the pin GND a single via (or more vias, which are closely combined) connects to the
common ground plane. This via(s) will isolate the DCDC high frequency currents from the
common ground (as most high frequency current will flow between Loop1 and Loop2 and will
not pass the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com