Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1170 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # AS1170
Description  AS1170 High current LED/VCSEL driver
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS1170 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button AS1170 Datasheet HTML 18Page - OSRAM GmbH AS1170 Datasheet HTML 19Page - OSRAM GmbH AS1170 Datasheet HTML 20Page - OSRAM GmbH AS1170 Datasheet HTML 21Page - OSRAM GmbH AS1170 Datasheet HTML 22Page - OSRAM GmbH AS1170 Datasheet HTML 23Page - OSRAM GmbH AS1170 Datasheet HTML 24Page - OSRAM GmbH AS1170 Datasheet HTML 25Page - OSRAM GmbH AS1170 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
AS1170
Detailed description
Datasheet
• PUBLIC • Document Feedback
DS001083
• v2-00 • 2024-Feb-05
22 / 53
/
7.5.6
Operating mode and currents
The output currents and operating mode are selected according to the following table:
Table 6: Operating mode and current settings
Operating mode and currents
SCL and
SDA
STROBE
mode_setting
out_on
Condition
Mode
LED_OUT1/2 output
current
SCL low for
tTIMEOUT
(1)
X
X
X
If previous
operating mode was
indicator, assist light
or flash mode
Shutdown
all registers are
reset to their
default values
0
I²C
commands
are
accepted
X
10, 01 or 11
0
Standby
0
X
01
1
Indicator mode
or low current
pwm mode(3)
LED current is defined by
the 6LSB bits (bits 5...0) of
led_current1 and
led_current2 pwm
modulated with 31.25 kHz
defined by register
inct_pwm (1/ 16...4/16)
X
10
1
Assist light
mode
LED current is defined
by the 7LSB(2) bits (6...0) of
led_current1 and
led_current2
X
11
1
strobe_on
= 0
Flash mode;
Flash duration
defined by
flash_timeout
LED current is defined by
led_current1 and
led_current2 - the current
can be reduced during
flash, see Flash current
reductions below
0->1
strobe_on = 1 and
strobe_type = 0
1
strobe_on = 1 and
strobe_type = 1
Flash mode;
Flash duration
defined by
strobe input;
timeout defined
by flash_timeout
(1) SCL low for tTIMEOUT and operating mode is indicator, assist or flash mode then shutdown mode is entered.
(2) The MSB bit of this register not used to protect the LED; therefore the maximum assist light current = half the maximum flash
current.
(3) The low current mode is a general purpose PWM mode to drive less current through the LED in average, but keep the actual
pulsed current in a range where the light output from the LED is still specified. As only the 6 LSBs of led_current1 and
led_current2 are used the maximum current is limited to 1/4 of the maximum flash current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com