Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

16C550 Datasheet (PDF) - SYC Electronica

16C550 Datasheet PDF - SYC Electronica
Part # 16C550
Download  16C550 Download
File Size   301.51 Kbytes
Page   34 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description UART WITH 16-BYTE FIFO’s

16C550 Datasheet (PDF)

Go To PDF Page Download Datasheet
16C550 Datasheet PDF - SYC Electronica

Part # 16C550
Download  16C550 Click to download

File Size   301.51 Kbytes
Page   34 Pages
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica
Description UART WITH 16-BYTE FIFO’s

16C550 Datasheet (HTML) - SYC Electronica


16C550 Product details

GENERAL DESCRIPTION
The ST16C550 (550) is a universal asynchronous receiver
and transmitter with 16 byte transmit and receive
FIFO. It operates at 2.97 to 5.5 volts. A programmable
baud rate generator can select transmit and receive
clock rates from 50 bps to 1.5 Mbps.
The ST16C550 is an improved version of the NS16C550
UART with higher operating speed and lower access
time. The ST16C550 on board status registers provides
the error conditions, type and status of the transfer
operation being performed. Included is complete MODEM
control capability, and a processor interrupt
system that may be software tailored to the user’s
requirements. The ST16C550 provides internal loopback
capability for on board diagnostic testing.
The ST16C550 is available in 40 pin PDIP, 44 pin PLCC,
and 48 pin TQFP packages. It is fabricated in an
advanced CMOS process to achieve low drain power
and high speed requirements.

FEATURES
· Pin to pin and functionally compatible to the Industry
Standard 16C550
· 2.97 to 5.5 volt operation
· 24MHz clock operation at 5V
· 16MHz clock operation at 3.3V
· 16 byte transmit FIFO
· 16 byte receive FIFO with error flags
· Full duplex operation
· Transmit and receive control
· Four selectable receive FIFO interrupt trigger levels
· Standard modem interface
· Compatible with ST16C450
· Low operating current ( 1.2mA typ.)




Similar Part No. - 16C550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
16C550 TI-16C550 Datasheet
434Kb / 31P
ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Similar Description - 16C550

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
UART WITH 16-BYTE FIFO?셲
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
ST16C554D EXAR-ST16C554D Datasheet
518Kb / 40P
QUAD UART WITH 16-BYTE FIFOS
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C1550 EXAR-ST16C1550_05 Datasheet
742Kb / 36P
2.97V TO 5.5V UART WITH 16-BYTE FIFO
XR16V554 EXAR-XR16V554 Datasheet
837Kb / 45P
2.25V TO 3.6V QUAD UART WITH 16-BYTE FIFO
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
UART WITH 16-BYTE FIFO?셲
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com