Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANX7408 Datasheet (PDF) - Analogix Semiconductor, Inc.

ANX7408 Datasheet PDF - Analogix Semiconductor, Inc.
Part # ANX7408
Download  ANX7408 Download
File Size   221.29 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G Active Mux (1x2) with Integrated Re-timer for USB 3.1

ANX7408 Datasheet (PDF)

Go To PDF Page Download Datasheet
ANX7408 Datasheet PDF - Analogix Semiconductor, Inc.

Part # ANX7408
Download  ANX7408 Click to download

File Size   221.29 Kbytes
Page   2 Pages
Manufacturer  ANALOGIX [Analogix Semiconductor, Inc.]
Direct Link  https://www.analogix.com/
Logo ANALOGIX - Analogix Semiconductor, Inc.
Description 10G Active Mux (1x2) with Integrated Re-timer for USB 3.1

ANX7408 Datasheet (HTML) - Analogix Semiconductor, Inc.


ANX7408 Product details

Features
 Built-in re-timer
- Integrated re-timer for USB 3.1 up to Gen 2 @ 10Gbps
- Loss compensation to recover up to 23dB channel loss
 Integrated mux
- Digital (1x2) mux switches USB signals and preserves enhanced signal output over USB-C connector
- Mux control input through I2C commands from external I2C master (or, optionally through FLIP/OP_MODE pins)
 Reference clock for re-timers
- Utilizes a 24MHz crystal or 1.05V swing singleended clock source
 Serial and debug interfaces
- I2C Slave interface, up to 1MHz, for mux and retimer configuration
- DCI debug interface support
 Industry standard compatibility
- USB 3.1 specification, Appendix E
- USB Type-C r1.2 specification
- Intel USB 3.1 Repeater and Active Switch specification
 Low-power design
- Analog power supply at 1.8V
- Dedicated 3.3V power for DCI interface
- Dedicated supply power pin for I/O power at 1.8V
 Packages
- BGA-42, 3.5mm x 4.0mm, 0.5mm ball-pitch
- QFN-48, 6mm x 6mm, 0.85mm Z-height, 0.4mm pin-pitch
- QFN-60, 7mm x 7mm, 0.85mm Z-height, 0.4mm pin-pitch
 Commercial temperature range of 0C to 70C

Applications
Notebooks, desktops, 2-in-1s, and docking stations




Similar Part No. - ANX7408

ManufacturerPart #DatasheetDescription
logo
Analogix Semiconductor,...
ANX7408 ANALOGIX-ANX7408 Datasheet
188Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
ANX7408 ANALOGIX-ANX7408 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7408 ANALOGIX-ANX7408 Datasheet
174Kb / 2P
USB Power Delivery PHY with Channel Configuration Control
August 2016
ANX7408 ANALOGIX-ANX7408 Datasheet
177Kb / 2P
USB Type-C™ Crosspoint Switch
August 2016
More results


Similar Description - ANX7408

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS834 STMICROELECTRONICS-TS834 Datasheet
75Kb / 8P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW OR HIGH WITH INTEGRATED TIMER
Nov-1999
logo
Texas Instruments
SN65DPHY440SS TI1-SN65DPHY440SS Datasheet
578Kb / 31P
SNx5DPHY440SS CSI-2/DSI DPHY Re-timer
logo
ON Semiconductor
NB7VPQ701M ONSEMI-NB7VPQ701M Datasheet
856Kb / 10P
1.8 V USB 3.1 Single Channel Re-driver
October, 2016 ??Rev. 2
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
15-Jul-2016
logo
Texas Instruments
TUSB8044 TI1-TUSB8044 Datasheet
1Mb / 61P
Four-Port USB 3.1 Gen1 Hub with USB Billboard
logo
ON Semiconductor
NB7NPQ701M ONSEMI-NB7NPQ701M Datasheet
313Kb / 10P
3.3V USB 3.1 Single Channel Re-driver
March, 2017 ??Rev. 0
NB7NPQ702M ONSEMI-NB7NPQ702M Datasheet
353Kb / 10P
3.3V USB 3.1 Dual Channel Re-driver
January, 2017 ??Rev. 0
NB7VPQ702M ONSEMI-NB7VPQ702M Datasheet
342Kb / 10P
1.8V USB 3.1 Dual Channel Re-driver
November, 2016 ??Rev. 1
logo
Diodes Incorporated
PI3EQX10312 DIODES-PI3EQX10312 Datasheet
1Mb / 26P
10Gbps, 2-Port, USB 3.1 Mux/Demux ReDriverTM with Integrated USB-C Detector
Rev 3 - 2 March 2019
PI3EQX10612 DIODES-PI3EQX10612 Datasheet
646Kb / 1P
10Gbps, 2-Port, USB 3.1 Mux/Demux RedriverTM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com