Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FC4 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUSB3FC4 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUSB3FC4
Download  PUSB3FC4 Download
File Size   273.77 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance unidirectional ESD protection diode array

PUSB3FC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUSB3FC4 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUSB3FC4
Download  PUSB3FC4 Click to download

File Size   273.77 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Very low capacitance unidirectional ESD protection diode array

PUSB3FC4 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUSB3FC4 Product details

1. General description
Extremely low capacitance unidirectional ElectroStatic Discharge (ESD) protection diode array, part
of the TrEOS protection family. This device is housed in a DFN2510-10 (SOT1165-3) leadless ultra
small Surface-Mounted Device (SMD) plastic package, designed to protect four signal lines from
the damage caused by ESD and other transients.

2. Features and benefits
• Unidirectional ESD protection for four signal lines
• VRWM = 3.3 V device
• Extremely low clamping voltage to protect sensitive I/Os
• IEC 61000-4-5 (surge): IPP = 7.9 A peak pulse (average measured)
• Extremely low diode capacitance Cd = 0.29 pF typical at 1.5 V
• ESD protection up to ±15 kV according to IEC 61000-4-2
• Leadless ultra small DFN2510-10 (SOT1165-3) surface mount package

3. Applications
• Cellular handsets and accessories
• Portable electronics
• Communication systems
• Computers and peripherals
• USB3.2 data lines




Similar Part No. - PUSB3FC4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUSB3F4-TBR NEXPERIA-PUSB3F4-TBR Datasheet
479Kb / 15P
ESD protection for ultra high-speed interfaces
PUSB3F96 NEXPERIA-PUSB3F96 Datasheet
1Mb / 16P
ESD protection for ultra high-speed interfaces
logo
NXP Semiconductors
PUSB3F96 PHILIPS-PUSB3F96_15 Datasheet
1Mb / 15P
ESD protection for ultra high-speed interfaces
Rev. 3-29 September 2014
logo
Nexperia B.V. All right...
PUSB3F97 NEXPERIA-PUSB3F97 Datasheet
602Kb / 14P
ESD protection for ultra high-speed interfaces
PUSB3F99 NEXPERIA-PUSB3F99 Datasheet
452Kb / 12P
ESD protection for ultra high-speed interfaces
Rev. 1 - 15 December 2017
More results


Similar Description - PUSB3FC4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXV4UF NXP-PESDXV4UF Datasheet
107Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03-28 January 2008
PESD5V0V1USF PHILIPS-PESD5V0V1USF_15 Datasheet
254Kb / 12P
Very low capacitance unidirectional ESD protection diode
Rev. 1-16 July 2012
logo
Nexperia B.V. All right...
PESD5V0V1USF NEXPERIA-PESD5V0V1USF Datasheet
371Kb / 13P
Very low capacitance unidirectional ESD protection diode
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
PESD5V0C2UM-Q NEXPERIA-PESD5V0C2UM-Q Datasheet
235Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESD4V0X2UM NEXPERIA-PESD4V0X2UM Datasheet
654Kb / 13P
Extremely low capacitance unidirectional ESD protection diode array
2022-12-13
PESD5V0C2UM NEXPERIA-PESD5V0C2UM Datasheet
234Kb / 12P
Extremely low capacitance unidirectional ESD protection diode array
25 May 2022
PESDXV4UF NEXPERIA-PESDXV4UF Datasheet
682Kb / 16P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 03 - 28 January 2008
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
PUSB3FS4 NEXPERIA-PUSB3FS4 Datasheet
169Kb / 7P
Extremely low capacitance unidirectional ESD protection diode array
8 February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com