Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FC4 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PUSB3FC4
Description  Very low capacitance unidirectional ESD protection diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FC4 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PUSB3FC4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
PUSB3FC4
Very low capacitance unidirectional ESD protection diode array
9. Characteristics
Table 6. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
IR = 1 mA; Tamb = 25 °C
5.5
9
-
V
ITLP = 8 A; tp = 100 ns; Tamb = 25 °C
[1]
-
3.5
-
V
ITLP = 16 A; tp = 100 ns; Tamb = 25 °C
[1]
-
5.5
-
V
VCL
clamping voltage
IPPM = 7 A; tp = 8/20 µs; Tamb = 25 °C
[2]
-
3.5
-
V
IRM
reverse leakage current VRWM = 3.3 V; Tamb = 25 °C
-
1
100
nA
IR = 10 A; tp = 100 ns; Tamb = 25 °C
[1]
-
0.26
-
Ω
Rdyn
dynamic resistance
IR = -10 A; tp = 100 ns; Tamb = 25 °C
[1]
-
0.26
-
Ω
Cd
diode capacitance
f = 1 MHz; VR = 1.5 V; Tamb = 25 °C
-
0.29
0.34
pF
[1] Non-repetitive current pulse, Transmission Line Pulse (TLP); square pulse; ANSI / ESD STM5.5.1-2008 on pin 2
[2] Device stressed with 8/20 μs exponential decay waveform according to IEC 61000-4-5.
f (Hz)
107
1010
109
108
aaa-039810
-5
-3
-7
-1
1
S21dd
(dB)
-9
Fig. 3. Differential mode insertion loss; typical values
VR (V)
0
4
3
1
2
aaa-039275
0.4
0.8
1.2
a
0
Fig. 4. Relative capacitance as a function of reverse
standoff voltage; typical values
PUSB3FC4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
18 September 2024
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com