Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FC4 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # PUSB3FC4
Description  Very low capacitance unidirectional ESD protection diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FC4 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button PUSB3FC4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Nexperia
PUSB3FC4
Very low capacitance unidirectional ESD protection diode array
11. Package outline
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1165-3
sot1165-3_po
24-08-23
Unit
mm
max
nom
min
0.55 0.05
0.25 0.45 0.30
0.1
A
Dimensions (mm are the original dimensions)
A1
b
b1
D
E
e
L
0.40
u
v
0.1
w
y
0.50
0.20 0.40 0.25
0.05
0.15
REF
0.05 0.05
y1
0.35
0.45
0.15 0.35 0.20
0.45
0
2.5 mm
scale
B
A
DFN2510-10: plastic, leadless extremely thin small outline package; 10 terminals;
0.5 mm pitch; 2.5 mm x 1 mm x 0.5 mm body
SOT1165-3
A3
b2
2.50
BSC
D2
2.00
BSC
1.00
BSC
0.5
BSC
D
E
C
u
pin 1
index area
C
y
C
seating plane
(10×)
A3
A1
A
C
y1
L
(10×)
e
D2
b1
b2
(2×)
10
6
5
1
b
A
C
B
v
C
w
A
C
B
v
C
w
(8×)
(2×)
A
C
B
v
C
w
Fig. 11. Package outline DFN2510-10 (SOT1165-3)
PUSB3FC4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
18 September 2024
8 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com