Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FC4 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # PUSB3FC4
Description  Very low capacitance unidirectional ESD protection diode array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FC4 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  PUSB3FC4 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FC4 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Nexperia
PUSB3FC4
Very low capacitance unidirectional ESD protection diode array
aaa-039276
VCL (V)
0
15
10
5
10
15
5
20
25
IPP
(A)
0
Transmission Line Pulse (TLP);
tp = 100 ns; tr = 1 ns; pin 1
Fig. 5. Dynamic resistance with positive clamping;
typical values
aaa-039277
VCL (V)
-15
0
-5
-10
-15
-10
-20
-5
0
IPP
(A)
-25
Transmission Line Pulse (TLP);
tp = 100 ns; tr = 1 ns; pin 1
Fig. 6. Dynamic resistance with negative clamping;
typical values
VCL (V)
0
25
20
10
15
5
aaa-039278
40
20
60
80
IPP
(A)
0
Very Fast Transmission Line Pulse (VF-TLP);
tp = 5 ns; tr = 600 ps; pin 1
Fig. 7. Dynamic resistance with positive clamping;
typical values
VCL (V)
-25
0
-5
-15
-10
-20
aaa-039279
-40
-60
-20
0
IPP
(A)
-80
Very Fast Transmission Line Pulse (VF-TLP);
tp = 5 ns; tr = 600 ps; pin 1
Fig. 8. Dynamic resistance with negative clamping;
typical values
PUSB3FC4
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2024. All rights reserved
Product data sheet
18 September 2024
5 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com