Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XTAC5142IRGER Datasheet (PDF) - Texas Instruments

XTAC5142IRGER Datasheet PDF - Texas Instruments
Part # XTAC5142IRGER
Download  XTAC5142IRGER Download
File Size   5757.21 Kbytes
Page   62 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAC5142 Hardware-control stereo audio codec with 103dB dynamic range ADC and 110dB dynamic range DAC

XTAC5142IRGER Datasheet (PDF)

Go To PDF Page Download Datasheet
XTAC5142IRGER Datasheet PDF - Texas Instruments

Part # XTAC5142IRGER
Download  XTAC5142IRGER Click to download

File Size   5757.21 Kbytes
Page   62 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAC5142 Hardware-control stereo audio codec with 103dB dynamic range ADC and 110dB dynamic range DAC

XTAC5142IRGER Datasheet (HTML) - Texas Instruments


XTAC5142IRGER Product details

1 Features
• Stereo audio ADC Channels
– Performance:
• Line/Microphone differential input dynamic
range: 103dB
• Differential input THD+N: –91dB
– Input voltage:
• Differential, 2VRMS full-scale inputs
• Single-ended, 1VRMS full-scale inputs
– ADC sample rates (fS) = 8kHz to 192kHz
– Digital HPF with configurable cut-off frequency:
• 1Hz or 12Hz, at 48kHz sampling rate
– Low noise microphone bias
• Stereo audio DAC Channels
– Performance:
• DAC to differential line-out dynamic range:
110 dB
• DAC to pseudo-differential headphone-out
dynamic range: 107 dB
• THD+N: –100 dB
– Output voltage:
• Differential line-out/receiver, 2VRMS full-scale
• Pseudo-differential headphone, 1VRMS fullscale
• Single-ended line-out, 1VRMS full-scale
– DAC sample rates (fs) = 8kHz to 192kHz
• Common Features
– Pin or Hardware Control
– Audio Serial Interface
• Format: TDM, I2S, or Left-justified (LJ)
• Bus Controller and Target Modes
• Configurable TDM Slots
• Word Length: Selectable 24 or 32 Bits
– Pin-selectable digital decimation/interpolation
filter options:
• Linear-phase or Low-latency
– Integrated PLL
– Auto clock & sample rate detection
– Interrupt output on clock error
– Single Supply Operation AVDD: 1.8V or 3.3V
– I/O Supply Operation: 1.8V or 3.3V
– Temperature grade 1: –40°C ≤ TA ≤ +125°C

2 Applications
• Video Conference System
• IP Network Camera
• IP Telephone
• Smart Speakers
• Professional audio mixer/control surface

3 Description
The TAC5142 is a stereo audio codec with 2VRMS
differential input, 103dB dynamic range ADC and
2VRMS differential output, 110dB dynamic range DAC.
The TAC5142 supports both differential and singleended
inputs and outputs. The ADC supports both
line/microphone input signals with options for AC or
DC coupling configurations and the DAC output can
be configured for either line-output or headphone
loads. The DAC can drive upto 62.5mW into a
16Ω headphone load. The device integrates a phaselocked
loop (PLL) and supports sample rates up to
192kHz for both the ADC and DAC signal chains.
The device also integrates a DC-removal digital
high-pass filter (HPF) with configurable cut-off for
the ADC signal chain. The TAC5142 supports timedivision
multiplexing (TDM), left-justified (LJ), or I2S
audio formats in controller and target modes, and
is pin or hardware controlled. These integrated highperformance
features, pin control along with a single
supply operation, make TAC5142 an excellent choice
for space-constrained audio applications.




Similar Part No. - XTAC5142IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTAC5142IRGER TI1-XTAC5142IRGER Datasheet
4Mb / 41P
TAC5142 Low-power pin controlled stereo audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
DECEMBER 2023
XTAC5142IRGER TI-XTAC5142IRGER Datasheet
5Mb / 59P
TAC5142 Hardware-control stereo audio codec with 103dB dynamic range ADC and 110dB dynamic range DAC
NOVEMBER 2024
More results


Similar Description - XTAC5142IRGER

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0011V6 MACOM-AM50-0011V6 Datasheet
182Kb / 4P
High Dynamic Range LNA
logo
WJ Communication. Inc.
AH1 WJCI-AH1 Datasheet
229Kb / 5P
High Dynamic Range Amplifier
logo
Texas Instruments
TPA2016D2 TI-TPA2016D2 Datasheet
986Kb / 35P
1.7-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
TPA2017D2 TI-TPA2017D2 Datasheet
780Kb / 20P
2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
logo
Silicon Laboratories
SI3000 SILABS-SI3000 Datasheet
816Kb / 34P
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4??2 kHz Sample Rates 30 dB Microphone Pre-Amp
logo
Texas Instruments
TPA2016D2RTJR TI1-TPA2016D2RTJR Datasheet
1Mb / 39P
2.8-W/Ch Stereo Class-D Audio Amplifier with Dynamic Range Compression and AGC
logo
AVAGO TECHNOLOGIES LIMI...
1N5719 AVAGO-1N5719 Datasheet
161Kb / 4P
Large Dynamic Range
logo
STMicroelectronics
STA333IS STMICROELECTRONICS-STA333IS Datasheet
1Mb / 43P
100 dB SNR and dynamic range
April 2013 Rev 3
logo
Texas Instruments
TPA2016D2 TI1-TPA2016D2_17 Datasheet
1Mb / 46P
2.8-W/Ch Stereo Class-D Audio Amplifier With Dynamic Range Compression and Automatic Gain Control
logo
OmniVision Technologies...
OV10642 OMNIVISION-OV10642 Datasheet
4Mb / 2P
high dynamic range
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com