Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet (PDF) - Analog Devices

LT7184SRVPBF Datasheet PDF - Analog Devices
Part # LT7184SRVPBF
Download  LT7184SRVPBF Download
File Size   1640.57 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management

LT7184SRVPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
LT7184SRVPBF Datasheet PDF - Analog Devices

Part # LT7184SRVPBF
Download  LT7184SRVPBF Click to download

File Size   1640.57 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management

LT7184SRVPBF Datasheet (HTML) - Analog Devices


LT7184SRVPBF Product details

FEATURES
 Silent Switcher® 2 Architecture: Enables Compact,
Efficient, Low EMI Solution
 PMBus/I2C Serial Interface
 Telemetry Read Back Includes: VOUT, IOUT, VIN, Die
Temperature, Faults
 Programmable Voltage, Current Limit, Digital
Soft-Start/Stop, Sequencing, UV/OV, Phase,
Frequency (up to 4MHz), Loop Compensation
 Integrated EEPROM with Fault Event Log
 Set Key Parameters with Configuration Resistors for
Operation without Programming
 ±0.25% Output Voltage Accuracy over Temperature
from 0.6V to 1.375V
 PolyPhase® Load Sharing for up to Eight Phases
 Wide VIN Range: Down to 2.9V, or 1.5V with EXTVCC up
to 16V
 Over 94% Peak Efficiency at 1MHz, 12VIN to 3.3VOUT
 VOUT Range: 0.4V to 5.5V (up to 85% x VIN)
 Differential Remote VOUT Sense
 External Frequency Synchronization
 36-Lead (4mm x 5mm) LQFN Package
APPLICATIONS
 Communications, Storage, and Industrial Systems
 Data Center and Solid-State Drive Power Supplies




Similar Part No. - LT7184SRVPBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT7184SRV#PBF AD-LT7184SRV#PBF Datasheet
1Mb / 52P
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
Rev A; 8/25
LT7184SRV#TRPBF AD-LT7184SRV#TRPBF Datasheet
1Mb / 52P
Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
Rev A; 8/25
More results


Similar Description - LT7184SRVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT7182S AD-LT7182S Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com