Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 9 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 9 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 5Page - Analog Devices LT7184SRVPBF Datasheet HTML 6Page - Analog Devices LT7184SRVPBF Datasheet HTML 7Page - Analog Devices LT7184SRVPBF Datasheet HTML 8Page - Analog Devices LT7184SRVPBF Datasheet HTML 9Page - Analog Devices LT7184SRVPBF Datasheet HTML 10Page - Analog Devices LT7184SRVPBF Datasheet HTML 11Page - Analog Devices LT7184SRVPBF Datasheet HTML 12Page - Analog Devices LT7184SRVPBF Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
9 of 52
(TA = 25°C for typical values. For minimum and maximum values, specifications apply over the full operating
temperature range unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT CURRENT READBACK
READ_IOUT Accuracy3
IOUT = 0A to 4A, VOUT/VIN ≤ 0.25,
500kHz ≤ fSW ≤ 2MHz
-350
350
mA
IOUT = 4A to 8A, VOUT/VIN ≤ 0.25,
500kHz ≤ fSW ≤ 2MHz
-8.75
8.75
%
IOUT = 0A to 4A, VOUT/VIN > 0.25
-600
600
mA
All other conditions 4 ≤ IOUT ≤ 8A
-15
15
%
FREQUENCY READBACK
READ_FREQUENCY
Accuracy
fSW < 600kHz, TA= 25°C
-30
30
kHz
fSW ≥ 600kHz, TA= 25°C
-5
5
%
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY (EEPROM) CHARACTERISTICS4
Retention
10
years
Endurance
10,000
writes
Mass Write Time
(STORE_USER_ALL)
250
500
ms
DIGITAL INPUTS: RUNN, FAULTN, PGOODN, SHARE_CLK, SCL, SDA, ALERT, WP
Input High Threshold (VIH)
1.1
1.35
V
Input Low Threshold (VIL)
0.8
0.9
V
Hysteresis (VHYS)
200
mV
Leakage Current
Applied Voltage = 0V, 5.5V, TA = 25°C
±10
μA
Input Capacitance5
TA = 25°C
10
pF
DIGITAL CLOCK INPUT: SYNC
Peak-To-Peak Input
Voltage Swing
Sync Input Mode
1.4
5.5
V
Rise Time
Sync Input Mode
25
ns
Duty Cycle
Sync Input Mode
30
70
%
DIGITAL CLOCK OUTPUT: SYNC
Output High Voltage (VOH) SYNC Output Mode
1.6
1.88
1.98
V
Output Low Voltage (VOL)
SYNC Output Mode
0.2
V
Output Impedance
SYNC Output Mode
60
Ω
CURRENT-LIMITED OPEN-DRAIN OUTPUTS: RUNN, FAULTN
Pull-Down Current
Applied Voltage = 0.4V to 5.5V
1
1.5
2
mA
OPEN-DRAIN OUTPUTS: PGOODN, SHARE_CLK
Output Low Voltage
I = 6mA
0.4
V
DIGITAL I/O: SCL, SDA, ALERT
Data Output Hold-Time
0
450
ns
1
Delay from RESTORE_USER_ALL, MFR_RESET, or Application of PVIN0 or EXTVCC until the TON_DELAY timer
can begin.
2
The LT7184S switching regulators use valley current mode control, so the current limits specified
correspond to the valley of the inductor current waveform. Valley current limit moves with VOUT/L and with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com