Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 28 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 28 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 24Page - Analog Devices LT7184SRVPBF Datasheet HTML 25Page - Analog Devices LT7184SRVPBF Datasheet HTML 26Page - Analog Devices LT7184SRVPBF Datasheet HTML 27Page - Analog Devices LT7184SRVPBF Datasheet HTML 28Page - Analog Devices LT7184SRVPBF Datasheet HTML 29Page - Analog Devices LT7184SRVPBF Datasheet HTML 30Page - Analog Devices LT7184SRVPBF Datasheet HTML 31Page - Analog Devices LT7184SRVPBF Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
28 of 52
APPLICATIONS INFORMATION
Using Resistor Configuration Pins
The LT7184S has four resistor configuration pins, each using a single ±1% resistor to select key operating parameters.
The resistor configuration pins are ASEL, VOUT0_CFG, VOUT1_CFG, and PWM_CFG. The resistance from each of these pins to
GND is measured upon power-up and/or execution of a RESTORE_USER_ALL or MFR_RESET command. The function
of each resistor configuration pin is described in the following sections.
If bit 6 of the MFR_CONFIG_ALL_LT7184S command is set to 1 in EEPROM, the configuration resistors are ignored on
VOUT0_CFG, VOUT1_CFG, and PWM_CFG while the ASEL resistor is always respected. Refer to the MFR_ADDRESS command
in the LT7184S PMBus/I2C Reference Manual for information about setting the serial interface device address,
including ASEL configuration resistor selection.
Setting Output Voltage
The VOUT_COMMAND specifies the output voltage when the channel is enabled. VOUT_COMMAND can be initialized
using resistors on the VOUT0_CFG and VOUT1_CFG pins based on the values in Table 7. A resistor between VOUT0_CFG and GND
configures channel 0. If Channel 1 is configured as an independent output from Channel 0, then a resistor between
VOUT1_CFG and GND configures Channel 1. If PolyPhase configuration is selected (by connecting a 5.6kΩ ±10% resistor
between PWM_CFG and GND), then VOUT0_CFG configures both Channels 0 and 1, and VOUT1_CFG is repurposed to
configure the PolyPhase operation.
Table 7. VOUTN_CFG Pin Configuration Resistor Selection
RESISTOR VALUE
(±1%)1
OUTPUT VOLTAGE SET
POINT (V)2
VOUT RANGE MODE3
REGULATOR ENABLE4
Floating or VDD185
Initialized from NVM
(Default 0.5V)
Initialized from NVM
(Default full VOUT range)
Initialized from NVM
124kΩ
5V
Full VOUT range, Supports
0.4V ≤ VOUT ≤ 5.5V
Regulator is enabled if RUN
is asserted high.
(OPERATION = 0x80,
ON_OFF_CONFIG initialized
from NVM, default requires
OPERATION = 0x80 and
RUN pin asserted)
107kΩ
3.3V
93.1kΩ
2.5V
80.6kΩ
1.8V
69.8kΩ
1.5V
60.4kΩ
1.35V
51.1kΩ
1.2V
High-performance low-VOUT
mode if set in NVM.
Offers enhanced accuracy
and transient response for
0.6V ≤ VOUT ≤ 1.375V
43.2kΩ
1.1V
36.5kΩ
1.0V
30.9kΩ
0.9V
25.5kΩ
0.85V
21kΩ
0.8V
16.5kΩ
0.75V
11.8kΩ
0.7V
6.65kΩ
0.6V
0
(GND)
Initialized from NVM
(default 0.5V)
Initialized from NVM
(default full VOUT range)
Regulator disabled and
RUN pin ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com