Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 23 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 23 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 19Page - Analog Devices LT7184SRVPBF Datasheet HTML 20Page - Analog Devices LT7184SRVPBF Datasheet HTML 21Page - Analog Devices LT7184SRVPBF Datasheet HTML 22Page - Analog Devices LT7184SRVPBF Datasheet HTML 23Page - Analog Devices LT7184SRVPBF Datasheet HTML 24Page - Analog Devices LT7184SRVPBF Datasheet HTML 25Page - Analog Devices LT7184SRVPBF Datasheet HTML 26Page - Analog Devices LT7184SRVPBF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
23 of 52
Switching Regulator Control Loop
The LT7184S employs a controlled, on-time, valley current mode architecture. In normal operation, the internal top
power Metal-oxide-semiconductor FET (MOSFET) is turned on for an interval determined by an on-time control
circuit. When the top power MOSFET turns off, the bottom power MOSFET turns on until the valley current
comparator trips, restarting the on-time control circuit and initiating the next cycle. The inductor current is
determined by sensing the voltage drop across the bottom power MOSFET when it is on. The voltage on the ITHN pin
sets the comparator threshold corresponding to the inductor valley current. The error amplifier (EA) adjusts the ITH
voltage by comparing the output voltage with an internal reference Digital-to-analog Converter (DAC) output. If the
load current increases, the output voltage drops relative to the internal reference, which causes the ITH voltage to
rise until the average inductor current matches that of the load current.
An internal phase-locked loop synchronizes the oscillator frequency to an external clock signal if one is present on
the SYNC pin. If no external clock is applied, the switching frequency is set by the FREQUENCY_SWITCH command,
which may be initialized using configuration resistors (see the Applications Information section for more details).
Soft-Start
The LT7184S has two Pulse Width Modulation (PWM) modes of operation: Pulse-skip mode (PSM) and Forced
continuous mode (FCM). Pulse-skip mode is only used during soft-start while the output voltage rises to the
programmed regulation voltage. During PSM or discontinuous operation, the inductor current cannot be reversed.
The reverse current comparator turns off the bottom switch when the inductor current reaches zero, preventing the
inductor current from going negative and discharging the output. During discontinuous operation, the power
MOSFETs remain off while the output capacitor supplies the load current. The LT7184S switches again when the ITH
voltage rises above the zero current level to initiate the next cycle as either the internal reference voltage rises above
the VSENSEvoltage with the soft-start ramp, or the load discharges the VSENSE voltage.
When all conditions required for startup have been met, and a channel is enabled with an OPERATION command or
when the RUN pin is raised, a soft-start ramp begins. The soft-start ramp time is set by the TON_RISE command,
which is 1ms by default. The soft start ramp begins after a programmable delay (TON_DELAY, default 0ms). Once the
output voltage reaches the programmed regulation voltage (VOUT_COMMAND), the PGOOD flag is set, and the
operating mode automatically switches to the FCM mode of operation.
FCM mode – where the inductor always conducts current, reversing below zero for some portion of the switching
cycle when the average output current is below the ripple current and either the top or bottom power MOSFETs are
always on - is also called as Continuous conduction mode (CCM). In this constant on-time current mode control
architecture, the inductor valley current is always determined by the voltage on the ITH node. The ITH node voltage
varies from about 0.6V to 1.5V depending on the load, with the zero load current when the ITH voltage is about 980mV.
When programmed to use internal compensation (ITH pin connected to INTVCC), the ITH node is not visible on the ITHN
pin. When a compensation network is connected to the ITHN pin at startup, the LT7184S uses the user-supplied
compensation to control the loop dynamics. Care must be used in selecting compensation network components for
correct operation.
EEPROM
The LT7184S contains internal EEPROM to store nonvolatile user configuration settings and fault log information.
The integrity of the onboard EEPROM is protected with ECC and checked with a cyclic redundancy check (CRC)
calculation after a power-on, reset, or execution of a RESTORE_USER_ALL command. If an invalid CRC is detected,
the ALERT, SHARE_CLK, PGOOD, and RUN pins are pulled low, and both output channels remain disabled until the
issue is resolved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com