Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 40 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 40 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 36Page - Analog Devices LT7184SRVPBF Datasheet HTML 37Page - Analog Devices LT7184SRVPBF Datasheet HTML 38Page - Analog Devices LT7184SRVPBF Datasheet HTML 39Page - Analog Devices LT7184SRVPBF Datasheet HTML 40Page - Analog Devices LT7184SRVPBF Datasheet HTML 41Page - Analog Devices LT7184SRVPBF Datasheet HTML 42Page - Analog Devices LT7184SRVPBF Datasheet HTML 43Page - Analog Devices LT7184SRVPBF Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
40 of 52
Figure 41. LTPowerPlay GUI
Board Layout Considerations
Note that large, switched currents flow between the LT7184S PVIN and PGND pins and the input capacitors. The
loops formed by the input capacitors should be made as small as possible by placing them adjacent to the PVIN and
PGND (or SGND) pins.
The input capacitors, inductors, and output capacitors should be placed on the same side of the circuit board. And
their connections should be made on the same layer. Place a local, unbroken ground plane under the application
circuit on the next layer closest to the surface layer that contains the LT7184S and the PVIN capacitors, the inductor,
and the output and boost caps. SGND should be connected to PCB ground at exactly one point adjacent to the
SGND pin; SGND and PGND are connected within the LT7184S package.
The SW and BOOST nodes should be made as small as possible, while SW metal should be designed to support the
full load current. Add extra spacing from adjacent GND or other signal nodes to SW and BOOST to reduce
capacitance.
For more details and PCB design files, refer to the LT7184S PMBus/I2C Reference Manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com