Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 15Page - Analog Devices LT7184SRVPBF Datasheet HTML 16Page - Analog Devices LT7184SRVPBF Datasheet HTML 17Page - Analog Devices LT7184SRVPBF Datasheet HTML 18Page - Analog Devices LT7184SRVPBF Datasheet HTML 19Page - Analog Devices LT7184SRVPBF Datasheet HTML 20Page - Analog Devices LT7184SRVPBF Datasheet HTML 21Page - Analog Devices LT7184SRVPBF Datasheet HTML 22Page - Analog Devices LT7184SRVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
19 of 52
Figure 22. Continuous Conduction, PVIN = 12V,
VOUT = 0.75V, LSW = XGL4020-251, 2A load
Figure 23. 9A Load Step, Default Internal
Compensation, VOUT = 0.75V
Figure 24. SW Rise Waveforms, VOUT = 1.2V
Figure 25. Positive Valley Current Limit Change
with VOUT/L
Figure 26. Negative Valley Current Limit Change
with VOUT/L
Figure 27. Valley Current Limit Change with fSW
2µs/DIV
VSW0
5V/DIV
VSYNC
2V/DIV
ILSW0
2A/DIV
EXTVCC = 4V
XGL4030-471
PVIN = 12V
10V/div
4ns/DIV
V(SW)
NO LOAD
FAST = 0
V(SW)
NO LOAD
FAST = 1
V(SW)
5A LOAD
FAST = 0
V(SW)
5A LOAD
FAST = 1
EXTVCC = 4V
XGL6030-471
fSW = 1000kHz
PVIN = 8V
IVALLEY CHANGE RANGE 0
IVALLEY CHANGE RANGE 1
IVALLEY CHANGE RANGE 2
IVALLEY CHANGE RANGE 3
VOUT/L(V/µH)
1
2
3
4
5
6
6
7
8
9
10
85
87
89
91
93
95
97
99
101
103
105
EXTVCC = 4V
fSW = 1000kHz
PVIN = 8V
IVALLEY CHANGE RANGE = 0
IVALLEY CHANGE RANGE = 1
IVALLEY CHANGE RANGE = 2
IVALLEY CHANGE RANGE = 3
VOUT/L(µH)
1
2
4
5
6
7
9
10
11
13
14
95
100
105
110
115
120
125
EXTVCC = 4V
XGL5030-331
VOUT = 660mV
VIN = 8V
IVALLEY CHANGE RANGE 0
IVALLEY CHANGE RANGE 1
IVALLEY CHANGE RANGE 2
IVALLEY CHANGE RANGE 3
fSW (kHz)
300
600
900
1200
1500
1800
2100
2400
2700
3000
–3
–2
–1
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com