Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 43 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 43 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 39Page - Analog Devices LT7184SRVPBF Datasheet HTML 40Page - Analog Devices LT7184SRVPBF Datasheet HTML 41Page - Analog Devices LT7184SRVPBF Datasheet HTML 42Page - Analog Devices LT7184SRVPBF Datasheet HTML 43Page - Analog Devices LT7184SRVPBF Datasheet HTML 44Page - Analog Devices LT7184SRVPBF Datasheet HTML 45Page - Analog Devices LT7184SRVPBF Datasheet HTML 46Page - Analog Devices LT7184SRVPBF Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
43 of 52
Figure 44. 3-Phase PolyPhase 1.2V/27A 1MHz Regulator and Single-Phase 3.3V/9A 1MHz Regulator
Figure 45.Dual regulator with VOUT0 = 3.3V, fSW0 = 1200kHz and VOUT1 = 0.8V, fSW1= 600kHz
INTVCC
LT7184S
PWM_CFG
VOUT1_CFG
PHASE 120°
AND 240°
PVIN0
PVIN1
SHARE_CLK
FAULT0
ITH01
FAULT1
ITH11
VSENSE0P
VSENSE1P
VSENSE0N
VSENSE1N
VOUT0_CFG
4.7kΩ
51.1kΩ
5.6kΩ
SW1
SW0
(5.6kΩ SELECTS
POLYPHASE)
(51.1kΩ SELECTS
VOUT0 = 1.2V
VOUT1 = 1.2V)
(51.1kΩ SELECTS 1MHz,
120°/240°,
FOLLOWER/FOLLOWER,
SYNC OUTPUT.
gMEA0 = 1875µS,
gMEA1 = 1875µS,
HPLV PROGRAMMED
IN NVM)
LT7184S
PWM_CFG
VOUT1_CFG
PHASE 0°
AND 180°
PVIN0
PVIN1
SHARE_CLK
FAULT0
ITH01
FAULT1
ITH12
VSENSE0P
VSENSE1P
VSENSE0N
VSENSE1N
VOUT0_CFG
SW1
SW0
51.1kΩ
107kΩ
(51.1kΩ SELECTS
VOUT0 = 1.2V)
(107kΩ SELECTS
VOUT1 = 3.3V)
PVIN 4V TO 16V
VOUT
(1.2V, 27A)
LOAD
10kΩ
10kΩ
10kΩ
3.3nF
RUN1
SYNC (OUTPUT)
SYNC (INPUT)
RUN0
RUN1
SGND
SGND
80.6kΩ
(80.6kΩ SELECTS
1MHz, 0° TO 180°
LEADER/FOLLOWER
SYNC INPUT
gMEA0 = 1875µS,
CITH1 = 165pF,
RITH1 = 14kΩ
gMEA1 = 310µs,
HPLV PROGRAMMED
IN NVM)
INTVCC
EXTVCC
EXTVCC
VOUT1
(3.3V, 9A)
BOOST0
BOOST1
DRVCC
RUN0
10.1µF
BOOST0
BOOST1
10µF
100nF
100nF
100nF
100nF
330µF
1200µF
470nH
470nH
470nH
1µH
10.1µF
DRVCC
SDA
SCL
ALERT
ASEL
SDA
SCL
ALERT
ASEL
10µF
PMBUS/
I2C BUS
WP
PGOOD0
PGOOD1
WP
PGOOD0
PGOOD1
VDD18
4.7µF
VDD18
4.7µF
10µF
10µF
10µF
(OPEN SELECTS
MFR_ADDRESS = 0x4F)
(SHORT SELECTS
MFR_ADDRESS = 0x40)
10µF
PGND
PGND
51.1kΩ
1EXTERNAL COMPENSATION
2INTERNAL COMPENSATION
LT7184S
PWM_CFG
VOUT1_CFG
PVIN0
PVIN1
1µH
520nH
SDA
730µF
730µF
BOOST0
ITH0
SW0
ITH1
VSENSE0P
VSENSE0N
VOUT0_CFG
VOUT0
3.3V
INTVCC
SYNC
SGND
SCL
ALERT
WP
RUN0
PGOOD0
PGOOD1
FAULT0
FAULT1
SHARE_CLK
ASEL
VDD18
EXTVCC
BOOST1
SW1
VSENSE1P
VSENSE1N
VOUT1
0.8V
DRVCC
PGND
VIN
12V
EN
600kHz
RUN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com