Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT7184SRVPBF Datasheet(PDF) 38 Page - Analog Devices

Part # LT7184SRVPBF
Description  Dual Channel 9A, 16V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT7184SRVPBF Datasheet(HTML) 38 Page - Analog Devices

Back Button LT7184SRVPBF Datasheet HTML 34Page - Analog Devices LT7184SRVPBF Datasheet HTML 35Page - Analog Devices LT7184SRVPBF Datasheet HTML 36Page - Analog Devices LT7184SRVPBF Datasheet HTML 37Page - Analog Devices LT7184SRVPBF Datasheet HTML 38Page - Analog Devices LT7184SRVPBF Datasheet HTML 39Page - Analog Devices LT7184SRVPBF Datasheet HTML 40Page - Analog Devices LT7184SRVPBF Datasheet HTML 41Page - Analog Devices LT7184SRVPBF Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Data Sheet
LT7184S
analog.com
Rev. 0
38 of 52
Table 13.Programmable Error Amp Transconductance: gMEA/REA
MFR_PWM_MODE_LT7184S BITS
[13:11]
Full VOUT RANGE MODE
HIGH PERFORMANCE LOW-VOUT
MODE
7
1240μS/18MΩ
5000μS/4.6MΩ
6
1085μS/21MΩ
4375μS/5.3MΩ
5
930μS/25MΩ
3750μS/6.2MΩ
4
775μS/30MΩ
3125μS/7.4MΩ
3
620μS/37MΩ
2500μS/9.3MΩ
2
465μS/50MΩ
1875μS/12MΩ
1
310μS/75MΩ
1250μS/18MΩ
0
155μS/150MΩ
625μS/37MΩ
Table 14.Programmable Internal Compensation Lead Resistor: RITH
MFR_PWM_MODE_LT7184S BITS[5:3]
INTERNAL RITH VALUE
7
60kΩ
6
42kΩ
5
29kΩ
4
20kΩ
3
14kΩ
2
10kΩ
1
7kΩ
0
5kΩ
Table 15.Programmable Internal Compensation Capacitor: CITH
PFR_PWM_MODE_LT7184S BITS[8:6]
INTERNAL CITH VALUE
7
165pF
6
155pF
5
145pF
4
135pF
3
125pF
2
115pF
1
105pF
0
95pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com